Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910AS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL9910AS-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910AS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL9910AS-13 Datasheet HTML 1Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 2Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 3Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 4Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 5Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 6Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 7Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 8Page - Diodes Incorporated AL9910AS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AL9910/AL9910A/AL9910-5
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A/AL9910-5
Document number: DS 35103 Rev. 3 - 2
2 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
SO-8
SO-8EP
Descriptions
VIN
1
1
Input voltage
CS
2
2
Senses LED string and external MOSFET switch current
GND
3
3
Device ground
Gate
4
4
Drives the gate of the external MOSFET switch.
PWM_D
5
5
Low Frequency PWM Dimming pin, also Enable input. Internal 100k
Ω pull-down to GND
VDD
6
6
Internally regulated supply voltage.
•
7.5V nominal for AL9910 and
•
10V nominal for AL9910A.
Can supply up to 1 mA for external circuitry. A sufficient storage capacitor is used to
provide storage when the rectified AC input is near the zero crossing.
LD
7
7
Linear Dimming input. Changes the current limit threshold at current sense comparator
and changes the average LED current.
ROSC
8
8
Oscillator control. A resistor connected between this pin and ground sets the PWM
frequency. The devices can be switched into constant off time (PFM) mode by connecting
the external oscillator resistor between ROSC pin and the gate of the external MOSFET.
EP PAD
N/A
EP
Exposed Pad (bottom). Connect to GND directly underneath the package.
Functional Block Diagram
250mV
LD
V
DD
LDO
V
IN
OTP
PWM_D
GND
7.5/10V
OSC
S
RO
R
OSC
GATE
CS
100k
V
DD
V
IN
R
SENSE
AL9910/AL9910A
250mV
LD
V
DD
LDO
V
IN
OTP
PWM_D
GND
7.5/10V
OSC
S
RO
R
OSC
GATE
CS
100k
V
DD
V
IN
R
SENSE
AL9910/AL9910A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com