Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 26 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 22Page - Diodes Incorporated AP02002 Datasheet HTML 23Page - Diodes Incorporated AP02002 Datasheet HTML 24Page - Diodes Incorporated AP02002 Datasheet HTML 25Page - Diodes Incorporated AP02002 Datasheet HTML 26Page - Diodes Incorporated AP02002 Datasheet HTML 27Page - Diodes Incorporated AP02002 Datasheet HTML 28Page - Diodes Incorporated AP02002 Datasheet HTML 29Page - Diodes Incorporated AP02002 Datasheet HTML 30Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AP02002 Rev. 50
26 of 36
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TSSOP-14
TSSOP-14
Dim
Min
Max
a1
7° (4X)
a2
0
°
8°
A
4.9
5.10
B
4.30
4.50
C
-
1.2
D
0.8
1.05
F
1.00 Typ
F1
0.45
0.75
G
0.65 Typ
K
0.19
0.30
L
6.40 Typ
All Dimensions in mm
U-QFN4040-16-Type C
U-QFN4040-16
Type C
Dim
Min
Max
Typ
A
0.57 0.63
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.25 0.35
0.30
D
3.95 4.05
4.00
D2
1.04 1.24
1.14
E
3.95 4.05
4.00
E2
1.01 1.21
1.11
e
-
-
0.65
K
-
-
0.30
K1
-
-
0.32
K2
-
-
0.38
L
0.35 0.45
0.40
All Dimensions in mm
U-WLB1010-4
U-WLB1010-4
Dim
Min
Max
Typ
D
0.95
1.05
1.00
E
0.95
1.05
1.00
A
-
0.62
-
A2
-
-
0.38
A3
0.015
0.025
0.025
b
0.25
0.35
0.30
e
-
-
0.50
SD
-
-
0.25
SE
-
-
0.25
All Dimensions in mm
G
L
A
K
a1
D
C
F
F1
Pin#1Indent
Detail ‘A’
Detail ‘A’
Gauge Plane
Seating Plane
B
E
D
A3
A2
A
SD
e
SE
e
4X-Ø b
D
E
b
L
A
A1
A3
e
K
K
D2(4x)
E2(4x)
Pin #1 ID
C 0.2
K2
K1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com