Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 32 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 32 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 28Page - Diodes Incorporated AP02002 Datasheet HTML 29Page - Diodes Incorporated AP02002 Datasheet HTML 30Page - Diodes Incorporated AP02002 Datasheet HTML 31Page - Diodes Incorporated AP02002 Datasheet HTML 32Page - Diodes Incorporated AP02002 Datasheet HTML 33Page - Diodes Incorporated AP02002 Datasheet HTML 34Page - Diodes Incorporated AP02002 Datasheet HTML 35Page - Diodes Incorporated AP02002 Datasheet HTML 36Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AP02002 Rev. 50
32 of 36
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
PBPC-3 / PBPC-6
PBPC-8
PBPC-3 / PBPC-6
Dim
Min
Max
A
14.73
15.75
B
5.84
6.86
C
19.00
-
D
0.76
∅ Typ
E
1.70
3.20
G
Hole for #6
screw
3.60
∅
4.00
∅
H
10.30
11.30
All Dimensions in mm
PBPC-8
Dim
Min
Max
A
18.54
19.56
B
6.35
7.60
C
22.20
-
D
1.27
∅ Typ
E
5.33
7.37
G
3.60
∅
4.00
∅
H
12.70 Typ
J
2.38 X 45
° Typ
All Dimensions in mm
PBU
PBU
Dim
Min
Max
A
22.70
23.70
B
3.80
4.10
C
4.20
4.70
D
1.70
2.20
E
10.30
11.30
G
4.50
6.80
H
4.80
5.80
J
25.40
-
K
-
19.30
L
16.80
17.80
M
6.60
7.10
N
4.70
5.20
P
1.20
1.30
All Dimensions in mm
PDIP-8
PDIP-8
Dim
Min
Max
A
9.02
9.53
B
6.15
6.35
C
3.10
3.50
D
0.36
0.56
F
1.40
1.65
G
2.54 typ.
H
0.71
0.97
J
0.20
0.36
K
2.92
3.81
L
7.62
8.26
M
-
15°
N
0.38 (min)
All Dimensions in mm
A
E
G
H
C
B
A
E
D
AC
AC
+
-
A
E
G
J
H
C
B
A
E
D
AC
AC
+
-
- ~ ~ +
B
C
D
H
M
N
P
A
E
L
K
J
G
A
B
H
G
F
D
N
K
C
L
M
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com