Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6507 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP6507
Description  500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6507 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP6507 Datasheet HTML 5Page - Diodes Incorporated AP6507 Datasheet HTML 6Page - Diodes Incorporated AP6507 Datasheet HTML 7Page - Diodes Incorporated AP6507 Datasheet HTML 8Page - Diodes Incorporated AP6507 Datasheet HTML 9Page - Diodes Incorporated AP6507 Datasheet HTML 10Page - Diodes Incorporated AP6507 Datasheet HTML 11Page - Diodes Incorporated AP6507 Datasheet HTML 12Page - Diodes Incorporated AP6507 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP6507
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6507
Document number: DS33435 Rev. 2 - 2
9 of 13
www.diodes.com
May 2011
© Diodes Incorporated
Application Information
Theory of Operation
The AP6507 is a 3A current mode control, synchronous
buck regulator with built in power MOSFETs. Current
mode control assures excellent line and load regulation
and a wide loop bandwidth for fast response to load
transients.
The operation of one switching cycle can be explained as
follows. At the beginning of each cycle, HS (high-side)
MOSFET is off. The EA (error amplifier) output voltage is
higher than the current sense amplifier output, and the
current comparator’s output is low. The rising edge of the
500kHz oscillator clock signal sets the RS Flip-Flop. Its
output turns on HS MOSFET. The current sense amplifier
is reset for every switching cycle.
When the HS MOSFET is on, inductor current starts to
increase. The Current Sense Amplifier senses and
amplifies the inductor current. Since the current mode
control is subject to sub-harmonic oscillations that peak at
half the switching frequency, Ramp slope compensation is
utilized. This will help to stabilize the power supply. This
Ramp compensation is summed to the Current Sense
Amplifier output and compared to the Error Amplifier
output by the PWM Comparator. When the sum of the
Current
Sense
Amplifier
output
and
the
Slope
Compensation signal exceeds the EA output voltage, the
RS Flip-Flop is reset and HS MOSFET is turned off.
For one whole cycle, if the sum of the Current Sense
Amplifier output and the Slope Compensation signal does
not exceed the EA output, then the falling edge of the
oscillator clock resets the Flip-Flop. The output of the EA
increases when feedback voltage (VFB) is lower than the
reference voltage of 0.807V. This also increases the
inductor current as it is proportional to the EA voltage.
If in one cycle the current in the power MOSFET does not
reach the COMP set current value, the power MOSFET
will be forced to turn off. When the HS MOSFET turns off,
the synchronous LS MOSFET turns on until the next clock
cycle begins. There is a “dead time” between the HS turn
off and LS turn on that prevents the switches from
“shooting through” from the input supply to ground.
The voltage loop is internally compensated with the 50pF
and 200k
Ω RC network. The maximum EA voltage output
is precisely clamped at 2.1V.
Internal Regulator
Most of the internal circuitries including the bottom driver
are powered from the 5V internal regulator. This regulator
uses the Vin input to regulate at 5V. When Vin is less than
5V, this internal regulator cannot maintain the 5V
regulation and hence the output voltage would also drop
from regulation.
Enable
The enable (EN) input allows the user to control turning
on or off the regulator. To enable the regulator EN must
be pulled above the ‘EN Rising Threshold’ and to disable
the regulator EN must be pulled below ‘EN falling
Threshold’
(EN
rising
threshold
–
En
threshold
Hysteresis).
Few conditions on EN function:
1) EN must be pulled low for at least 5us to disable the
regulator.
2) The voltage on EN can not exceed 5V.
3) AP6507 can be enabled by Vin through a voltage
divider as shown in the figure 3 below.
Figure 1. EN Divider Network
1M
Ω
||
BOT
R
1M
Ω
||
BOT
R
TOP
(R
RISE
EN
V
RISE
IN
V
+
−
=
−
Where
RISE
EN
V −
= 1.3V(TYP)
1M
Ω
||
BOT
R
1M
Ω
||
BOT
R
TOP
(R
FALL
EN
V
FALL
IN
V
+
−
=
−
Where
FALL
EN
V −
= 0.9V(TYP)
Internal Soft Start
Soft start is traditionally implemented to prevent an
excess inrush current.
This in turn prevents the
converter output voltage from overshooting when it
reaches regulation. The AP6507 has an internal current
source with a soft start capacitor to ramp the reference
voltage from 0V to 0.807V. The soft start time is internally
fixed at 2ms (TYP). The soft start sequence is reset when
there is a Thermal Shutdown, Under Voltage Lockout
(UVLO) or when the part is disabled using the EN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com