Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6507 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP6507
Description  500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6507 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP6507 Datasheet HTML 5Page - Diodes Incorporated AP6507 Datasheet HTML 6Page - Diodes Incorporated AP6507 Datasheet HTML 7Page - Diodes Incorporated AP6507 Datasheet HTML 8Page - Diodes Incorporated AP6507 Datasheet HTML 9Page - Diodes Incorporated AP6507 Datasheet HTML 10Page - Diodes Incorporated AP6507 Datasheet HTML 11Page - Diodes Incorporated AP6507 Datasheet HTML 12Page - Diodes Incorporated AP6507 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AP6507
500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6507
Document number: DS33435 Rev. 2 - 2
11 of 13
www.diodes.com
May 2011
© Diodes Incorporated
Application Information (cont.)
Inductor (cont.)
Peak current determines the required saturation current
rating, which influences the size of the inductor. Saturating
the inductor decreases the converter efficiency while
increasing the temperatures of the inductor and the
internal MOSFETs. Hence choosing an inductor with
appropriate saturation current rating is important.
A 1µH to 10µH inductor with a DC current rating of at least
25% percent higher than the maximum load current is
recommended for most applications.
For highest efficiency, the inductor’s DC resistance should
be less than 200m
Ω.
Use a larger inductance for
improved efficiency under light load conditions.
Input Capacitor
The input capacitor reduces the surge current drawn from
the input supply and the switching noise from the device.
The input capacitor has to sustain the ripple current
produced during the on time on the upper MOSFET. It
must hence have a low ESR to minimize the losses.
The RMS current rating of the input capacitor is a critical
parameter that must be higher than the RMS input current.
As a rule of thumb, select an input capacitor which has an
RMs rating that is greater than half of the maximum load
current.
Due to large dI/dt through the input capacitors, electrolytic
or ceramics should be used. If a tantalum must be used, it
must be surge protected. Otherwise, capacitor failure
could occur. For most applications, a 4.7µF ceramic
capacitor is sufficient.
Output Capacitor
The output capacitor keeps the output voltage ripple small,
ensures feedback loop stability and reduces the overshoot
of the output voltage. The output capacitor is a basic
component for the fast response of the power supply. In
fact, during load transient, for the first few microseconds it
supplies the current to the load. The converter recognizes
the load transient and sets the duty cycle to maximum, but
the current slope is limited by the inductor value.
Maximum capacitance required can be calculated from the
following equation:
ESR of the output capacitor dominates the output voltage
ripple. The amount of ripple can be calculated from the
equation below:
ESR
*
inductor
ΔI
capacitor
Vout
=
An output capacitor with ample capacitance and low ESR
is the best option. For most applications, a 22µF ceramic
capacitor will be sufficient.
2
out
V
2
)
out
V
V
(
Δ
2
)
2
inductor
ΔI
out
L(I
o
C
−
+
+
=
Where ΔV is the maximum output voltage overshoot.
PC Board Layout
This is a high switching frequency converter. Hence
attention
must
be
paid
to
the
switching
currents
interference in the layout. Switching current from one
power device to another can generate voltage transients
across the impedances of the interconnecting bond wires
and circuit traces. These interconnecting impedances
should be minimized by using wide, short printed circuit
traces.
AP6507 is exposed at the bottom of the package and
must be soldered directly to a well designed thermal pad
on the PCB. This will help to increase the power
dissipation.
External Bootstrap Diode
It is recommended that an external bootstrap diode be
added when the input voltage is no greater than 5V or the
5V rail is available in the system. This helps to improve
the efficiency of the regulator. This solution is also
applicable for D > 65%. The bootstrap diode can be a low
cost one such as BAT54 or a schottky that has a low Vf.
AP6507
BST
SW
10nF
BOOST
DIODE
5V
4
3
Figure 3. External Bootstrap Diode
Input capacitor C1
must be placed as
close as possible
to the IC and to L1.
34mm
52mm
External feedback
resistor dividers
must be placed
close to the FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com