Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO252 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TO252
Description  SUGGESTED PAD LAYOUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TO252 Datasheet(HTML) 1 Page - Diodes Incorporated

  TO252 Datasheet HTML 1Page - Diodes Incorporated TO252 Datasheet HTML 2Page - Diodes Incorporated TO252 Datasheet HTML 3Page - Diodes Incorporated TO252 Datasheet HTML 4Page - Diodes Incorporated TO252 Datasheet HTML 5Page - Diodes Incorporated TO252 Datasheet HTML 6Page - Diodes Incorporated TO252 Datasheet HTML 7Page - Diodes Incorporated TO252 Datasheet HTML 8Page - Diodes Incorporated TO252 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 43
1 of 14
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
SUGGESTED PAD LAYOUT
Based on IPC-7351A
X1-DFN1006-2 / X2-DFN1006-2 / MiniMELF / MELF / SOD323 / SOD123 / SOD523 / SMA / SMB / SMC
Dimensions
X1-DFN1006-2 /
X2-DFN1006-2
MiniMELF
MELF
SOD123
SOD323
SOD523
SMA
SMB
SMC
Z
1.1
4.7
6.3
4.9
3.75
2.3
6.5
6.8
9.4
G
0.3
2.1
3.3
2.5
1.05
1.1
1.5
1.8
4.4
X
0.7
1.7
2.7
0.7
0.65
0.8
1.7
2.3
3.3
Y
0.4
1.3
1.5
1.2
1.35
0.6
2.5
2.5
2.5
C
0.7
3.5
4.8
3.7
2.40
1.7
4.0
4.3
6.8
X3-DFN0603-2
X1-DFN1006-3 / X2-DFN1006-3
Dimensions Value (in mm)
C
0.355
X
0.230
Y
0.300
Z
0.610
Dimensions Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
X1-DFN1212-3
Dimensions
Value (in mm)
C
0.80
X
0.42
X1
0.32
Y
0.50
Y1
0.50
Y2
1.50
Z
X
C
G
Y
Z
Y (2x)
X (2x)
C
Y
C
G1
G2
X
X
1
Z
Y2
X
X1
(2x)
Y
Y1
(2x)
C


Similar Part No. - TO252

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TO252 DIODES-TO252 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
Global Mixed-mode Techn...
TO252 GMT-TO252 Datasheet
162Kb / 1P
Package Outline
logo
Alpha & Omega Semicondu...
TO252 AOSMD-TO252 Datasheet
20Kb / 1P
DIMENSION L IS MEASURED IN GAUGE PLANE
logo
Rohm
TO252-3 ROHM-TO252-3 Datasheet
373Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
TO252-3 ROHM-TO252-3 Datasheet
347Kb / 13P
1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Similar Description - TO252

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
SUGGESTED PAD LAYOUT
AP02001 Rev. 38
AP02001 DIODES-AP02001_12 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
All Sensors Corporation
CFFS ASC-CFFS Datasheet
275Kb / 1P
For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGBD ASC-EGBD Datasheet
42Kb / 1P
For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2BS ASC-P2BS Datasheet
220Kb / 1P
For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com