Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO252 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TO252
Description  SUGGESTED PAD LAYOUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TO252 Datasheet(HTML) 3 Page - Diodes Incorporated

  TO252 Datasheet HTML 1Page - Diodes Incorporated TO252 Datasheet HTML 2Page - Diodes Incorporated TO252 Datasheet HTML 3Page - Diodes Incorporated TO252 Datasheet HTML 4Page - Diodes Incorporated TO252 Datasheet HTML 5Page - Diodes Incorporated TO252 Datasheet HTML 6Page - Diodes Incorporated TO252 Datasheet HTML 7Page - Diodes Incorporated TO252 Datasheet HTML 8Page - Diodes Incorporated TO252 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 43
3 of 14
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
U-DFN1616-6
U-DFN1616-8
Dimensions Value (in mm)
Z
1.3
G
0.175
X1
0.50
X2
0.525
Y
0.30
C
0.50
Dimensions Value (in mm)
G1
0.15
G2
0.20
X1
0.65
X2
0.25
Y1
1.25
Y2
0.50
C
0.40
a
0.10
U-DFN2018-6
Dimensions
Value (in mm)
C
0.50
G
0.20
X
0.25
X1
1.60
Y
0.35
Y1
1.20
U-DFN2020-3
Dimensions
Value
(in mm)
Dimensions
Value
(in mm)
C
1.00
Y1
0.60
G
0.15
Y2
0.45
X
1.40
Y3
0.45
X1
0.35
Y4
0.698
X2
0.45
Y5
0.313
X3
0.322
R1
0.225
X4
0.60
R2
0.05
Y
1.10
R3
0.20
X1
G
X2
Z
C
Y
G1
Y2
Y1
C
X1
X2
G2
a
Y
XC
X1
G
Y1
X1
C
X3
X
Y4
Y1
X2
Y
Y2
Y3
R3
R2
R1
G
X4
Y5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com