Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS0-1845ASRH/Sample Datasheet(PDF) 1 Page - Intersil Corporation

Part # IS0-1845ASRH/Sample
Description  Single Event Radiation Hardened High Speed, Current Mode PWM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS0-1845ASRH/Sample Datasheet(HTML) 1 Page - Intersil Corporation

  IS0-1845ASRH/Sample Datasheet HTML 1Page - Intersil Corporation IS0-1845ASRH/Sample Datasheet HTML 2Page - Intersil Corporation IS0-1845ASRH/Sample Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FN9001.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
IS-1845ASRH
Single Event Radiation Hardened
High Speed, Current Mode PWM
The IS-1845ASRH is designed to be
used in switching power supplies
operating in current-mode. The
rising edge of the on-chip oscillator
turns on the output. Turn-off is controlled by the current
sense comparator and occurs when the sensed current
reaches a peak controlled by the error amplifier.
Constructed with Intersil’s Rad Hard Silicon Gate (RSG)
dielectrically isolated BiCMOS process, these devices are
immune to single event latch-up and have been specifically
designed to provide a high level of immunity to single event
transients. All specified parameters are guaranteed and
tested for 300krad(Si) total dose performance.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-01509. A “hot-link” is provided on
our website for downloading the SMD.
Features
• Electrically Screened to DSCC SMD # 5962-01509
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Total Dose. . . . . . . . . . . . . . . . . . . . . 300 krad(SI) (Max)
- SEL Immune. . . . . . . . . . . . . . . . . Dielectrically Isolated
- SEU Immune . . . . . . . . . . . . . . . . . . . . 35MeV/mg/cm2
- SEU Cross-Section at 89MeV/mg/cm2. . . . 5 x 10-6cm2
• Low Start-up Current . . . . . . . . . . . . . . . . . . . 100µA (Typ)
• Fast Propagation Delay . . . . . . . . . . . . . . . . . . 80ns (Typ)
• Supply Voltage Range . . . . . . . . . . . . . . . . . . . 12V to 20V
• High Output Drive. . . . . . . . . . . . . . . . . . . . 1A (Peak, Typ)
• Undervoltage Lockout . . 8.8V Start (Typ), 8.2V Stop (Typ)
Applications
• Current-Mode Switching Power Supplies
• Control of High Current FET Drivers
• Motor Speed and Direction Control
TM
Pinouts
IS7-1845ASRH
(8 LD CDIP2-T8 SBDIP)
TOP VIEW
IS9-1845ASRH
(18 LD FLATPACK)
TOP VIEW
NOTES:
1. Grounding the Comp pin does not inhibit the output. The output may be inhibited by applying >1.2V to the ISENSE pin.
2. This part should be operated with Ct = 3.3nF and Rt = 10k timing components only.
COMP
VFB
ISENSE
RTCT
1
2
3
4
8
7
6
5
VREF
VCC
OUT
GND
COMP
VFB
NC
NC
NC
ISENSE
RTCT
NC
3
4
5
6
7
8
9
217
16
15
14
13
12
11
10
VREF
VCC
VC
OUT
NC
GND
OSCGND
NC
NC
1
18
NC
Data Sheet
September 25, 2008
NOT RE
COMME
NDED FO
R NEW D
ESIGNS
RECOMM
ENDED
REPLAC
EMENT
PART
ISL7884X
ARH


Similar Part No. - IS0-1845ASRH/Sample

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IS0-1845ASRH/SAMPLE RENESAS-IS0-1845ASRH/SAMPLE Datasheet
251Kb / 5P
Single Event Radiation Hardened High Speed, Current Mode PWM
Feb 16, 2022
More results

Similar Description - IS0-1845ASRH/Sample

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
May 29, 2012
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com