Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28136FBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL28136FBZ
Description  5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28136FBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL28136FBZ Datasheet HTML 1Page - Intersil Corporation ISL28136FBZ Datasheet HTML 2Page - Intersil Corporation ISL28136FBZ Datasheet HTML 3Page - Intersil Corporation ISL28136FBZ Datasheet HTML 4Page - Intersil Corporation ISL28136FBZ Datasheet HTML 5Page - Intersil Corporation ISL28136FBZ Datasheet HTML 6Page - Intersil Corporation ISL28136FBZ Datasheet HTML 7Page - Intersil Corporation ISL28136FBZ Datasheet HTML 8Page - Intersil Corporation ISL28136FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6153.5
April 5, 2011
IO-
Short-Circuit Output Sink Current
RL = 10Ω to VCM
50
45
55
mA
VSUPPLY
Supply Operating Range
V+ to V-
2.4
5.5
V
VENH
EN Pin High Level
2
V
VENL
EN Pin Low Level
0.8
V
IENH
EN Pin Input High Current
VEN = V+
11.5
1.6
µA
IENL
EN Pin Input Low Current
VEN = V-
16
25
30
nA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
AV = 100, RF = 100kΩ, RG = 1kΩ to VCM
5MHz
Unity Gain
Bandwidth
-3dB Bandwidth
AV = 1, RF = 0Ω, RL = 10kΩ to VCM,
VOUT = 10mVP-P
13
MHz
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz, RL = 10kΩ to VCM
0.4
µVP-P
Input Noise Voltage Density
fO = 1kHz, RL = 10kΩ to VCM
15
nV/
√Hz
iN
Input Noise Current Density
fO = 10kHz, RL = 10kΩ to VCM
0.35
pA/
√Hz
CMRR
Input Common Mode Rejection Ratio
fO = to 120Hz; VCM = 1VP-P, RL = 1kΩ to
VCM
-90
dB
PSRR+
to 120Hz
Power Supply Rejection Ratio (V+)V+, V- = ±1.2V and ±2.5V,
VSOURCE = 1VP-P, RL = 1kΩ to VCM
-88
dB
PSRR-
to 120Hz
Power Supply Rejection Ratio (V-)V+, V- = ±1.2V and ±2.5V
VSOURCE = 1VP-P, RL = 1kΩ to VCM
-105
dB
TRANSIENT RESPONSE
SR
Slew Rate
VOUT = ±1.5V; Rf = 50kΩ, RG = 50kΩ to
VCM
±1.9
V/µs
tr, tf, Large
Signal
Rise Time, 10% to 90%, VOUT
AV = +2, VOUT = 2VP-P, Rg = Rf = RL = 1kΩ
to VCM
0.6
µs
Fall Time, 90% to 10%, VOUT
AV = +2, VOUT = 2VP-P, Rg = Rf = RL = 1kΩ
to VCM
0.5
µs
tr, tf, Small
Signal
Rise Time, 10% to 90%, VOUT
AV = +2, VOUT = 10mVP-P,
Rg = Rf = RL = 1kΩ to VCM
65
ns
Fall Time, 90% to 10%, VOUT
AV = +2, VOUT = 10mVP-P,
Rg = Rf = RL = 1kΩ to VCM
62
ns
tEN
Enable to Output Turn-on Delay Time, 10%
EN to 10% VOUT
VEN = 5V to 0V, AV = +2,
Rg = Rf = RL = 1kΩ to VCM
5µs
Enable to Output Turn-off Delay Time, 10%
EN to 10% VOUT
VEN = 0V to 5V, AV = +2,
Rg = Rf = RL = 1kΩ to VCM
0.3
µs
NOTE:
4. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
ISL28136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com