Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28136FBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28136FBZ
Description  5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28136FBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28136FBZ Datasheet HTML 6Page - Intersil Corporation ISL28136FBZ Datasheet HTML 7Page - Intersil Corporation ISL28136FBZ Datasheet HTML 8Page - Intersil Corporation ISL28136FBZ Datasheet HTML 9Page - Intersil Corporation ISL28136FBZ Datasheet HTML 10Page - Intersil Corporation ISL28136FBZ Datasheet HTML 11Page - Intersil Corporation ISL28136FBZ Datasheet HTML 12Page - Intersil Corporation ISL28136FBZ Datasheet HTML 13Page - Intersil Corporation ISL28136FBZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6153.5
April 5, 2011
FIGURE 37. VOUT LOW vs TEMPERATURE, V+, V- = ±2.5V, RL =1k
Pin Descriptions
ISL28136
(6 Ld SOT-23)
ISL28136
(8 Ld SOIC)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
4
2
IN-
inverting input
Circuit 1
3
3
IN+
Non-inverting input
See Circuit 1
2
4
V-
Negative supply
Circuit 2
1
6
OUT
Output
Circuit 3
6
7
V+
Positive supply
See Circuit 2
58
EN
Chip enable
Circuit 3
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
45
50
55
60
65
70
75
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1150
IN+
IN-
V+
V-
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
V+
V-
OUT
LOGIC
PIN
V+
V-
ISL28136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com