Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1741AS Datasheet(PDF) 2 Page - Rohm

Part # 2SC1741AS
Description  Medium Power Transistor (50V,0.5A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC1741AS Datasheet(HTML) 2 Page - Rohm

  2SC1741AS Datasheet HTML 1Page - Rohm 2SC1741AS Datasheet HTML 2Page - Rohm 2SC1741AS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Medium Power Transistor (50V,0.5A)
2SC1741AS
2/2
2011.06 -
Rev. B
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SC1741AS
2SC1741AS
Electrical characteristic curves
Electrical characteristic curves
20
10
5
2
1
0.5
0.2
0.1
0.2
0
0.4
0.8
0.6
1.2
1.0
50
100
200
BASE TO VOLTAGE : VBE (V)
Fig.1 Ground emitter propagation
characteristics
VCE=6V
60
40
20
0
1
024
35
80
100
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Ground emitter output characteristics
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
IB=0mA
500
200
100
50
0.1 0.2 0.5 1 2
5 10 20
50 100 200 500
1000
COLLECTOR CURRENT IC (mA)
Fig.3 DC current gain vs. Collector current ( )
1000
500
200
100
50
20
12
5
10 20
50 100 200 500 1000
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
Fig.4 DC current gain vs. Collector currnet ( )
VCE=10V
-25 C
Ta=75 C
25 C
50
20
10
5
0.1 0.2
0.5
12
510 20
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Input-and-output capacity
vs.voltage characteristic
Ta=25 C
f=1MHz
IE=0A
0.5
0.2
0.1
0.05
0.02
5
10 20
50 100 200 500 1000
COLLECTOR CURRENT IC (mA)
Fig.6 Collector-emitter saturation voltage
vs. collector current
IC/IB=10
-25 C
Ta=75 C
25 C
0.5
0.2
0.1
0.05
0.02
5
10
20
50 100 200
500
Fig.5 Collector-emitter saturation voltage
vs. Collector current
EMITTER CURRENT : IE (mA)
500
200
100
-1
-2
-5
-10
-20
-50
Fig.8 Transition frequency
vs.emitter current
Ta=25 C
Cib
Cob
Ta=25 C
Ta=25 C
Ta=25 C
IC/IB
=100/1
50/1
20/1
10/1
VCE=3V
1V
VCE=6V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com