Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1741AS Datasheet(PDF) 1 Page - Rohm

Part # 2SC1741AS
Description  Medium Power Transistor (50V,0.5A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC1741AS Datasheet(HTML) 1 Page - Rohm

  2SC1741AS Datasheet HTML 1Page - Rohm 2SC1741AS Datasheet HTML 2Page - Rohm 2SC1741AS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
Medium Power Transistor (50V,0.5A)
Medium Power Transistor (50V,0.5A)
2SC1741AS
2SC1741AS
Data Sheet
2011.06 -
Rev. B
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
2SC1741AS
Dimensions (Unit : mm)
(1) Emitter
(2) Collector
(3) Bace
Symbol
V
CBO
V
CEO
V
EBO
I
C
PC
Tj
Tstg
Limits
50
50
5
0.5
0.3
150
-55 to +150
Unit
V
V
V
A
W
Symbol
Min.
Typ.
Max.
Unit
Conditions
BV
CBO
BV
CEO
BV
EBO
I
CBO
I
EBO
h
FE
f
T
Cob
50
50
5
-
-
120
-
-
-
-
-
-
-
-
250
6.5
-
-
-
0.5
0.5
390
-
-
V
V
V
-
MHz
pF
IC=1mA
VCB=30V
VEB=4V
VCE/IC=3V/0.1A
VCE=5V , IE=-20mA , f=100MHz
VCB=10V , IE=0A , f=1MHz
C
C
A
IC=100 A
IE=100 A
A
Parameter
Transition frequency
Output capacitance
V
CE(sat)
--
0.4
VIC/IB=150mA/15mA
Electrical characteristics (Ta=25 C)
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector outoff current
Collector power dissipation
Junction temperature
Storage temperature
Absolute maximum rationgs (Ta=25 C)
Packaging specifications and hFE
Type
Package
hFE
Code
Basic ordering unit (pleces)
2SC1741AS
SPT
QR
TP
5000
Marking
-
Features
1) High current.(IC=5A)
2) Low saturation voltage, typically VCE(sat)=0.1V at IC / IB=150mA / 15mA.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Emitter cutoff current
DC current rransfer ratio
Collector-emitter saturation voltage
SPT
(SC-72)
(1) (2) (3)
Electrical characteristic curves


Similar Part No. - 2SC1741AS

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC1741AS ROHM-2SC1741AS Datasheet
91Kb / 3P
Medium Power Transistor (50V, 0.5A)
More results

Similar Description - 2SC1741AS

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1949 ROHM-2SD1949 Datasheet
42Kb / 3P
Medium Power Transistor (50V, 0.5A)
2SC1741AS ROHM-2SC1741AS Datasheet
91Kb / 3P
Medium Power Transistor (50V, 0.5A)
2SC5873S ROHM-2SC5873S Datasheet
78Kb / 4P
Medium power transistor (30V, 0.5A)
2SD1949 ROHM-2SD1949_1 Datasheet
67Kb / 3P
Medium Power Transistor (50V,0.5A)
2SA2088 ROHM-2SA2088_11 Datasheet
934Kb / 4P
Medium power transistor (-60V, -0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
Medium power transistor (-60V, -0.5A)
2SD1949 ROHM-2SD1949_11 Datasheet
112Kb / 3P
Medium Power Transistor (50V,0.5A)
2SC2411KT146R ROHM-2SC2411KT146R Datasheet
65Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SD1484KT146R ROHM-2SD1484KT146R Datasheet
81Kb / 3P
Medium Power Transistor (50V,0.5A)
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
Medium Power Transistor (32V, 0.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com