Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR372P Datasheet(PDF) 2 Page - Rohm

Part # 2SCR372P
Description  Midium Power Transistors (120V / 700mA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR372P Datasheet(HTML) 2 Page - Rohm

  2SCR372P Datasheet HTML 1Page - Rohm 2SCR372P Datasheet HTML 2Page - Rohm 2SCR372P Datasheet HTML 3Page - Rohm 2SCR372P Datasheet HTML 4Page - Rohm 2SCR372P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR372P
Electrical characteristics (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
120
-
-
V
IC= 1mA
Collector-base breakdown voltage
BVCBO
120
-
-
V
IC= 100μA
Emitter-base breakdown voltage
BVEBO
6-
-
V
IE= 100μA
Collector cut-off current
ICBO
--
1
A
VCB= 100V
Emitter cut-off current
IEBO
--
1
A
VEB= 4V
Collector-emitter staturation voltage
VCE(sat)
-
100
300
mV
IC= -500mA, IB= 50mA
DC current gain
hFE
120
-
390
-
VCE= 5V, IC= 100mA
-8
Collector output capacitance
Cob
Parameter
MHz
220
-
Transition frequency
fT
-
pF
-
VCE= 5V
IE=-300mA, f=100MHz
Conditions
VCB= 10V, IE=0A
f=1MHz
2/4
2011.04 - Rev.A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com