Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR372P Datasheet(PDF) 1 Page - Rohm

Part # 2SCR372P
Description  Midium Power Transistors (120V / 700mA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR372P Datasheet(HTML) 1 Page - Rohm

  2SCR372P Datasheet HTML 1Page - Rohm 2SCR372P Datasheet HTML 2Page - Rohm 2SCR372P Datasheet HTML 3Page - Rohm 2SCR372P Datasheet HTML 4Page - Rohm 2SCR372P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (120V / 700mA)
2SCR372P
Structure
Dimensions (Unit : mm)
NPN Silicon epitaxial planar transistor
Features
Low saturation voltage
VCE (sat) = 0.3V (Max.) (IC / IB= 500mA / 50mA)
Applications
Driver
Inner circuit(Unit : mm)
Package
Taping
Code
T100
Basic ordering unit (pieces)
1000
2SCR372P
hFE values are classified follows :
Item
Q
R
hFE
120 to 270 180 to 390
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Collector-base voltage
VCBO
120
V
Collector-emitter voltage
VCEO
120
V
Emitter-base voltage
VEBO
6V
DC
IC
0.7
A
Pulsed
ICP
1.4
A
PD
0.5
W
PD
2W
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw=10ms, Single Pulse
*2 Each terminal mounted on a recommended land.
*3 Mounted on a ceramic board. (40x40x0.7mm)
Packaging specifications
Type
Parameter
Collector current
Power dissipation
MPT3
(1)
(2)
(3)
*1
*2
*3
Abbreviated symbol : GX
(1) Base
(2) Collector
(3) Emitter
(1)
(3)
(2)
(1) Base
(2) Collector
(3) Emitter
1/4
2011.04 - Rev.A


Similar Part No. - 2SCR372P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
More results

Similar Description - 2SCR372P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
Midium Power Transistors (-50V / -3A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
Midium Power Transistors (-80V / -2.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
Midium Power Transistors (80V / 700mA)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
MP6Z11 ROHM-MP6Z11 Datasheet
1Mb / 8P
Midium Power Transistors (짹30V / 짹1A)
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
Midium Power Transistors
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
Midium Power Transistors (50V / 3A)
2SCR544R ROHM-2SCR544R_11 Datasheet
211Kb / 5P
Midium Power Transistors
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com