Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR522EB Datasheet(PDF) 2 Page - Rohm

Part # 2SCR522EB
Description  General purpose transistor(20V,0.2A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR522EB Datasheet(HTML) 2 Page - Rohm

  2SCR522EB Datasheet HTML 1Page - Rohm 2SCR522EB Datasheet HTML 2Page - Rohm 2SCR522EB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.A
Data Sheet
2SCR522M / 2SCR522EB / 2SCR522UB
Electrical characteristics curves
0.01
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
0.01
0.1
1
1
10
100
1000
0.01
0.1
1
1
10
100
1000
0
20
40
60
80
100
012
345
IB=1.0mA IB=0.9mA
IB=0.7mA
IB=0.6mA
IB=0.5mA
IB=0.4mA
IB=0.3mA
IB=0.2mA
IB=0.1mA
IB=0mA
IB=0.8mA
10
100
1000
0.1
1
10
100
1000
0
1
10
100
0.01
0.1
1
10
100
10
100
1000
0.1
1
10
100
1000
Ta=125
°C
25
°C
-
55
°C
VCE =2V
IC/IB= 10/1
Ta=125
°C
25
°C
-
55
°C
IC/IB = 20/1
IC/IB =10/1
Cob
Cib
Ta=25
°C
f=1MHz
IE=0
IC=0
Ta=25
°C
Ta=25
°C
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO EMITTER VOLTAGE :
VCE (V)
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB(V)
Ta=125
°C
25
°C
-
55
°C
VCE=2V
VCE = 10V
Ta=25
°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com