Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR522EB Datasheet(PDF) 1 Page - Rohm

Part # 2SCR522EB
Description  General purpose transistor(20V,0.2A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR522EB Datasheet(HTML) 1 Page - Rohm

  2SCR522EB Datasheet HTML 1Page - Rohm 2SCR522EB Datasheet HTML 2Page - Rohm 2SCR522EB Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.A
General purpose transistor(20V,0.2A)
2SCR522M / 2SCR522EB / 2SCR522UB
Structure
Dimensions (Unit : mm)
NPN silicon epitaxial planar transistor
Features
Complements the 2SAR522M / 2SAR522EB / 2SAR522UB.
Applications
Switch, LED driver
Packaging specifications
Packaging Type
Code
Taping
Basic ordering
unit (pieces)
T2L
8000
Taping
TL
3000
Taping
TL
3000
2SCR522M
2SCR522EB
2SCR522UB
Package
VMT3
EMT3F
UMT3F
Type
Absolute maximum ratings (Ta=25
C)
Inner circuit
Symbol
Limits
Unit
VCBO
20
V
20
V
V
VCEO
VEBO
5
mA
400
IC
ICP
mA
200
Tj
150
°C
Tstg
−55 to +150
°C
PD
200
150
mW
mW
∗1
∗2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Range of storage temperature
Power
dissipation
∗1 Pw=1mS Single pulse
∗2 Each terminal mounted on a recommended land
Parameter
2SCR522M,2SCR522EB
2SCR522UB
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
20
20
5
−
−
−
−
−
−
−
−
−
−
400
0.12
2
−
−
−
0.1
0.1
0.30
−
−
V
V
V
μA
μA
V
MHz
pF
IC
=50μA
IC
=1mA
IE
=50μA
VCB
=20V
VEB
=5V
IC
=100mA, IB=10mA
hFE
120
−
560
−
VCE
=10V, IE=−10mA, f=100MHz
VCE
=2V, IC=1mA
VCB
=10V, IE=0A, f=1MHz
Output capacitance
Transition frequency
Collector-emitter saturation voltage
Emitter cut-off current
Collector cut-off current
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-base breakdown voltage
DC current gain
VMT3
EMT3F
(1)
(2)
(3)
UMT3F
2.0
0.32
0.65
0.65
1.3
(1)
(2)
(3)
0.9
0.13
Abbreviated symbol : NC
Abbreviated symbol : NC
Abbreviated symbol : NC
(1)
(3)
(2)
(1) Base
(2) Emitter
(3) Collector


Similar Part No. - 2SCR522EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR523EB ROHM-2SCR523EB Datasheet
173Kb / 3P
General purpose transistor(50V,0.1A)
2SCR523M ROHM-2SCR523M Datasheet
173Kb / 3P
General purpose transistor(50V,0.1A)
2SCR523UB ROHM-2SCR523UB Datasheet
173Kb / 3P
General purpose transistor(50V,0.1A)
More results

Similar Description - 2SCR522EB

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
logo
Rohm
2SAR522M ROHM-2SAR522M Datasheet
172Kb / 3P
General purpose transistor(-20V,-0.2A)
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
logo
Rohm
2SAR522EB ROHM-2SAR522EB_15 Datasheet
1Mb / 12P
PNP -200mA -20V General purpose transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com