Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3131FS Datasheet(PDF) 2 Page - Rohm

Part # BA3131FS
Description  Silicon Monolithic Integrated Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131FS Datasheet(HTML) 2 Page - Rohm

  BA3131FS Datasheet HTML 1Page - Rohm BA3131FS Datasheet HTML 2Page - Rohm BA3131FS Datasheet HTML 3Page - Rohm BA3131FS Datasheet HTML 4Page - Rohm BA3131FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
Electrical characteristics
(unless otherwise noted, Ta=25℃, Vcc=8V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Quiescent current
Iq
2.0
4.9
7.8
mA
V
IN=0,RL=∞,SW pin open
Input offset voltage
Vio
-
0.5
5.0
mV
RS≦10kΩ
Input offset current
Iio
-
5
200
nA
Input bias current
Ib
-
50
500
nA
*1
High-amplitude voltage gain
Avol
86
110
-
dB
RL≧2kΩ,VO=±1.5V
Common-mode input voltage
Vicm
3
6
-
V
In-phase signal rejection ratio
CMRR
60
72
-
dB
RS≦10kΩ
Power supply voltage rejection ratio
PSRR
76
90
-
dB
RS≦10kΩ
Maximum output voltage
V
OH/VOL
3
6
-
V
RL≧10kΩ
3
6
-
V
RL≧2kΩ
Input conversion noise voltage
Vn
-
2.0
4.0
μVrms
*2
Reference voltage change
ΔV
REF
-
-
±10
mV
Ioref=±1mA
0.
1 Because the first stage is configured with PNP transistors, input bias current is from the IC.
0.
2 Tested under the following conditions: Gv = 40dB, RS = 2kΩ, Matsushita Tsuko VP-9690A (using DIN audio filter)
Design guaranteed values
(unless otherwise noted, Ta=25℃, Vcc=8V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Slew rate
SR
0.5
1.2
-
V/μS
Gv=0dB,RL=2kΩ
Gainbandwidth product
GBW
1.5
2.6
-
MHz
f=10kHz
Crosstalk between A, B and C
CT
ABC
60
73
-
dB
f=1kHz
Total harmonic distortion
THD
-
0.0025
0.01
%
Gv=0dB,f=1kHz,
Vo=1Vrms
Channel separation
CS
90
115
-
dB
f=1kHz,input conversion
※This item is not guaranteed during processes.
Outline Dimension
SSOP-A20
(Unit:mm)
BA3131FS
LOT No.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com