Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3131FS Datasheet(PDF) 1 Page - Rohm

Part # BA3131FS
Description  Silicon Monolithic Integrated Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131FS Datasheet(HTML) 1 Page - Rohm

  BA3131FS Datasheet HTML 1Page - Rohm BA3131FS Datasheet HTML 2Page - Rohm BA3131FS Datasheet HTML 3Page - Rohm BA3131FS Datasheet HTML 4Page - Rohm BA3131FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
REV. B
Structure :
Silicon Monolithic Integrated Circuit
Product :
3 Dual operational amplifier with switch for car audio systems
Type :
BA3131FS
Function :
1. High gain and low distortion. (Gv = 110dB, THD = 0.0015% typ.)
2. Low noise. (Vn = 2
Vrms typ.)
3. Switching circuit can be directly coupled to microcomputer port.
4. Small switching noise.
5. Equipped with 1/2 Vcc output circuit for single power supply.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Power supply voltage
Vcc
18.0
V
Power dissipation
Pd
750*
mW
Operating temperature
Topr
-40~+85
℃
Storage temperature
Tastg
-55~+125
℃
Common-mode input voltage
Vi
3~Vcc
V
Differential input voltage
Vid
Vcc
V
Load current
IoMax.
±50.0
mA
※This value decreases 7.5 mW/℃ for Ta=25℃ or more.
(When mounted on a glass epoxy board (90mm
 50mm  1.6t))
Operating Voltage Range (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Power supply voltage
Vcc
6.0
8.0
16.0
V
Single power
source
Application example
Note that ROHM cannot provide adequate confirmation of patents.
The product described in this specification is designed to be used with ordinary electronic equipment or devices (such as audio-visual
equipment, office-automation equipment, communications devices, electrical appliances, and electronic toys).
Should you intend to use this product with equipment or devices which require an extremely high level of reliability and the malfunction of
which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor
controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance.


Similar Part No. - BA3131FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3131FS ROHM-BA3131FS Datasheet
110Kb / 9P
Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
3 Dual operational amplifier with switch for car audio systems
More results

Similar Description - BA3131FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3485FS ROHM-BD3485FS Datasheet
331Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
Silicon Monolithic Integrated Circuit
BD3538HFN ROHM-BD3538HFN Datasheet
383Kb / 6P
Silicon Monolithic Integrated Circuit
BD6081GU ROHM-BD6081GU_1 Datasheet
336Kb / 5P
Silicon Monolithic Integrated Circuit
BD6586MUV ROHM-BD6586MUV Datasheet
154Kb / 5P
Silicon Monolithic Integrated Circuit
BD6736FV ROHM-BD6736FV Datasheet
203Kb / 5P
Silicon Monolithic Integrated Circuit
BD6962FVM ROHM-BD6962FVM Datasheet
274Kb / 4P
Silicon Monolithic Integrated Circuit
BD9215AFV ROHM-BD9215AFV Datasheet
184Kb / 5P
Silicon Monolithic Integrated Circuit
BD9240FV ROHM-BD9240FV Datasheet
169Kb / 5P
Silicon Monolithic Integrated Circuit
BD9244AFV ROHM-BD9244AFV Datasheet
192Kb / 5P
Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com