Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 1 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 1 Page - ams AG

  AS8530 Datasheet HTML 1Page - ams AG AS8530 Datasheet HTML 2Page - ams AG AS8530 Datasheet HTML 3Page - ams AG AS8530 Datasheet HTML 4Page - ams AG AS8530 Datasheet HTML 5Page - ams AG AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AS8530
LIN Transceiver with Integrated Voltage Regulator and
MCU Interface for Automotive Applications
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 1.0
1 - 32
Datasheet
1 General Description
The AS8530 is a general purpose companion IC for sensor and
actuator LIN slaves offering LIN transceiver and low drop voltage
regulator.
It also provides a 2-wire microcontroller interface through shared EN
and TX pins to access a window watchdog with RC oscillator, control
registers, backup registers and monitoring information.
The IC is fabricated in a high voltage CMOS technology which is
able to withstand voltages up to 42V.
The product is available in ep-SOIC8 package.
2 Key Features
Operating voltage 6V to 18V
Linear, low-drop voltage regulator: VCC = 5V ±5% or 3.3V ±5%
as a factory programming option
50mA load current
Operating modes: Normal and Standby or Normal and Sleep as
a factory option
Typically 45µA quiescent current in standby mode,
Typically 35µA quiescent current in sleep mode
Under voltage reset with factory options
LIN bus transceiver l conforming to LIN 2.1, TX time out fail
safe feature, over temperature warning and shut down
Window watchdog if factory enabled
Micro controller 2-wire interface through shared pins for
watchdog trigger, monitoring, register read /write
Chip ID for traceability and module ID
8 Backup registers to store data during VCC shut down
ep-SOIC8 package
-40ºC to +125ºC ambient operating temperature
3 Applications
The AS8530 is a System Basis Chip for automotive LIN networked
sensor or actuator slaves.
VSUP
EN
VCC
Temperature
Limiter
TSHD
RESET
LIN
30k
RX
Receiver
VSUP
VCC
TX
Transmitter
GND
POR-VSUP
RESET_VSUP_N
15k
2-Wire
Interface
Window
Watchdog
(WWD)
LIN
Wakeup
Control
Signals
LIN Transceiver
RESET_VSUP_N
RESET_VCC_N
WWD Output
LDO
Mode
Control
POR-VCC
Reset
Block
Slew
Control
AS8530
Figure 1. AS8530 LIN Transceiver Block Diagram


Similar Part No. - AS8530

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530 Datasheet
960Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530 Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530-ASOM AMSCO-AS8530-ASOM Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530-ASOP AMSCO-AS8530-ASOP Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
More results

Similar Description - AS8530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
logo
ams AG
AS8520 AMSCO-AS8520 Datasheet
985Kb / 34P
LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
ams AG
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_07 Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com