Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2020 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P2020
Description  single- and dual-core communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P2020 Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Freescale QorIQ™ communications platforms
are the next-generation evolution of our
leading PowerQUICC® communications
processors. Built using high-performance
Power Architecture® cores, Freescale
QorIQ platforms enable a new era of
networking innovation where the reliability,
security and quality of service for every
connection matters.
QorIQ P2020 and P2010
Communications Processors
The QorIQ P2 platform series, which includes
the P2020 (dual-core processor) and P2010
(single-core processor) communications
processors, delivers high single-threaded
performance per watt for a wide variety of
applications in the networking, telecom,
military and industrial markets. The series
delivers dual- and single-core frequencies
up to 1.2 GHz on a 45 nm technology
low-power platform.
The QorIQ P2020 and P2010 dual- and single-
core products are pin-compatible with the
QorIQ P1 platform products, offering four
interchangeable cost-effective solutions.
Scaling from a single-core processor at 533
MHz (P1011) to a dual-core processor at
1.2 GHz (P2020), the two QorIQ platforms
together deliver an impressive 4.5x aggregate
frequency range within the same pinout.
The devices in these two series are
software-compatible, sharing the e500
Power Architecture core and peripherals,
as well as being fully software compatible
with the existing PowerQUICC processors.
This enables customers to create a
product with multiple performance points
from a single board design. The P2020
and P1020 dual-core processors support
symmetric and asymmetric multi-processing,
enabling customers to scale performance
through either thread-level or application-
level parallelism.
The P2020 and P2010 communications
processors both have an advanced set
of features for ease of use. The optional
integrated security engine supports the
cryptographic algorithms commonly used
in IPsec, SSL, 3GPP and other networking
and wireless security protocols. The 64-bit
memory controller offers future-proofing
against memory technology migration with
support for both DDR2 and DDR3. It also
supports error correction codes, a baseline
requirement for any high-reliability system.
Other memory types such as flash are
supported through the 16-bit local bus,
USB, SD/MMC and SPI.
The P2010 and P2020 processors integrate
a rich set of interfaces, including SerDes,
Gigabit Ethernet, PCI Express®, RapidIO®
technology and USB. The three 10/100/1000
Ethernet ports support advanced packet
parsing, flow control and quality of
service features, as well as IEEE® 1588
time stamping.
QorIQ™ Communications Platforms
P2 Series
P2010 and P2020 single- and dual-core communications processors
QorIQ™ P2020 and 2010 Block Diagram
32 KB
L1 I-Cache
Power Architecture®
e500 Core
32 KB
L1 D-Cache
512 KB
L2 Cache
32 KB
L1 I-Cache
Power Architecture
e500 Core
32 KB
L1 D-Cache
DDR2/DDR3
SDRAM Controller
Not on P2010
Coherency Module
System Bus
2 x Serial RapidIO®
2 x Serial RapidIO® 2 x 4-ch. DMA
2 x 4-ch. DMA
3 x PCI Express®
On-Chip Network
On-Chip Network
4-lane SerDes
Security
Acceleration
(optional)
XOR
Interrupt Control,
SD/MMC, SPI,
USB 2.0/ULPI
3 x
Gigabit
Ethernet
Enhanced Local Bus
Controller (eLBC)
Cores


Similar Part No. - P2020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2020 FREESCALE-P2020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020 FREESCALE-P2020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020 FREESCALE-P2020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020 FREESCALE-P2020 Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P2020 FREESCALE-P2020 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
More results

Similar Description - P2020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1011 FREESCALE-P1011 Datasheet
227Kb / 2P
single- and dual-core communications processors
P1012 FREESCALE-P1012 Datasheet
291Kb / 2P
single- and dual-core communications processors
P1020NXE2HFB FREESCALE-P1020NXE2HFB Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P1021NSE2HFB FREESCALE-P1021NSE2HFB Datasheet
291Kb / 2P
P1012 and P1021 single- and dual-core communications processors
P1021NXE2HFB FREESCALE-P1021NXE2HFB Datasheet
291Kb / 2P
P1012 and P1021 single- and dual-core communications processors
P1020NXE2DFB FREESCALE-P1020NXE2DFB Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P1020NXN2HFB FREESCALE-P1020NXN2HFB Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
P1021NXE2FFB FREESCALE-P1021NXE2FFB Datasheet
387Kb / 2P
communications processors
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com