Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2020 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P2020
Description  single- and dual-core communications processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2020 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P2020 Datasheet HTML 1Page - Freescale Semiconductor, Inc P2020 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Target Applications
The P2010 and P2020 processors serve
in a wide range of applications, especially
those that have tight thermal constraints.
With an available junction temperature
range of -40°C to +125°C, the devices
can be used in power-sensitive defense,
aerospace and industrial applications, and
less-protected outdoor environments. They
enable various combinations of data plane
and control plane workloads in networking
and telecom applications that require higher
performance but want to avoid the complexity
of partitioning the application across many
cores. The devices’ primary target applications
are networking and telecom linecards. The P2
devices, with their low power budget and high
single-threaded performance, are uniquely
well-suited for control plane applications.
Control plane applications tend to be more
sequential in nature and thus lose scaling
efficiency with increasing number of threads
or cores. The P2 series, with its low power,
efficient dual-issue out-of-order e500 core,
Power Architecture technology, and high
1.2 GHz frequency, offers a level of single-
threaded performance that is a perfect fit for
control plane applications.
The networking linecard requires an optimal
combination of good performance to manage
a large amount of control plane traffic
balanced against low power and cost. With
convenient I/O, flexible core configurations
and an on-board security block, the P2010
and P2020 processors are well-suited for this
application, which involves controlling
ASICs, managing exceptions and routing
table maintenance.
The P2010 and P2020 processors are also
well-suited for Long Term Evolution (LTE)
and WiMAX channel card applications.
With dual-core performance in single-core
power budgets, the P2 series facilitates the
“flattening” of the wireless network hierarchy.
The dual Serial RapidIO interfaces allow
direct connection to the DSPs (such as
Freescale’s MSC8156 DSP) that implement
Layer 1 processing as well as redundant
backplane connections.
Technical Specifications
• Dual(P2020)orsingle(P2010)
high-performance Power Architecture
e500 cores
36-bit physical addressing
Double-precision floating-point support
32 KB L1 instruction cache and 32 KB L1
data cache for each core
800 MHz to 1.2 GHz clock frequency
• 512KBL2cachewithECC.Also
configurable as SRAM and stashing
memory.
• Three10/100/1000Mbpsenhancedthree-
speed Ethernet controllers (eTSECs)
TCP/IP acceleration and classification
capabilities
IEEE 1588 support
Lossless flow control
R/G/MII, R/TBI, SGMII
FIFO interfaces
• High-speedinterfacessupportingvarious
multiplexing options
Four SerDes to 3.125 GHz multiplexed
across controllers
Three PCI Express interfaces
Two Serial RapidIO interfaces
Two SGMII interfaces
• High-SpeedUSBcontroller(USB2.0)
Host and device support
Enhanced host controller interface (EHCI)
ULPI interface to PHY
• Enhancedsecuredigitalhostcontroller
(SD/MMC)
• Serialperipheralinterface
• Integratedsecurityengine(SEC3.1)
(optional)
Crypto algorithm support includes 3DES,
AES, RSA/ECC, MD5/SHA, ARC4, Kasumi,
Snow 3G and FIPS deterministic RNG
Single pass encryption/message
authentication for common security
protocols (IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• 64-bitDDR2/DDR3SDRAMmemory
controller with ECC support
• Programmableinterruptcontroller(PIC)
compliant with OpenPIC standard
• Twofour-channelDMAcontrollers
• TwoI2C controllers, DUART, timers
• Enhancedlocalbuscontroller(eLBC)
• 16general-purposeI/Osignals
• Package: 689-pin wirebond power-BGA
(TEPBGA2)
Freescale, QorIQ, CoreNet and the Freescale logo are trademarks or registered trademarks of Freescale Semiconductor, Inc.
in the U.S. and other countries. All other product or service names are the property of their respective owners.
The Power Architecture and Power.org word marks and the Power and Power.org logos and related marks are
trademarks and service marks licensed by Power.org. © Freescale Semiconductor, Inc. 2009.
Document Number: QP20XXFS
REV 3
Learn More:
For current information about Freescale
products and documentation, please visit
www.freescale.com/QorIQ.
QorIQ™ Platform
Device
Cores
Top Core Frequency
L2 Size
DDR 2/3 Support
GE Ports
SerDes
PCI Express®
Serial RapidIO®
TDM
P1
P1011
1
800 MHz
256 KB
32-bit with ECC
3
4
2
N/A
Yes
P1
P1020
2
800 MHz
256 KB
32-bit with ECC
3
4
2
N/A
Yes
P2
P2010
1
1200 MHz
512 KB
64-bit with ECC
3
4
3
2
N/A
P2
P2020
2
1200 MHz
512 KB
64-bit with ECC
3
4
3
2
N/A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com