Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2635 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2635
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635 Datasheet(HTML) 2 Page - Linear Technology

  LTC2635_1 Datasheet HTML 1Page - Linear Technology LTC2635_1 Datasheet HTML 2Page - Linear Technology LTC2635_1 Datasheet HTML 3Page - Linear Technology LTC2635_1 Datasheet HTML 4Page - Linear Technology LTC2635_1 Datasheet HTML 5Page - Linear Technology LTC2635_1 Datasheet HTML 6Page - Linear Technology LTC2635_1 Datasheet HTML 7Page - Linear Technology LTC2635_1 Datasheet HTML 8Page - Linear Technology LTC2635_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2635

2635fb
pin conFiguration
aBsolute maximum ratings
Supply Voltage (VCC) ................................... –0.3V to 6V
SCL, SDA, REFLO, LDAC.............................. –0.3V to 6V
VOUTA-D, CA0, CA1, CA2...... –0.3V to Min (VCC + 0.3V, 6V)
REF .................................... –0.3V to Min (VCC + 0.3V, 6V)
Operating Temperature Range
LTC2635C ................................................ 0°C to 70°C
LTC2635H (Note 3) ............................ –40°C to 125°C
(Notes 1, 2)
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package...................................................... 300°C
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
VOUTA
VOUTB
LDAC
CA0
VOUTD
VOUTC
REF
CA1
TJMAX = 150°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
VCC
VOUTA
VOUTB
CA0
SCL
10
9
8
7
6
GND
VOUTD
VOUTC
REF
SDA
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 35°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com