Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2635 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2635
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2635_1 Datasheet HTML 17Page - Linear Technology LTC2635_1 Datasheet HTML 18Page - Linear Technology LTC2635_1 Datasheet HTML 19Page - Linear Technology LTC2635_1 Datasheet HTML 20Page - Linear Technology LTC2635_1 Datasheet HTML 21Page - Linear Technology LTC2635_1 Datasheet HTML 22Page - Linear Technology LTC2635_1 Datasheet HTML 23Page - Linear Technology LTC2635_1 Datasheet HTML 24Page - Linear Technology LTC2635_1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC2635

2635fb
operation
The LTC2635 is a family of quad voltage output DACs in
16-pin QFN and 10-lead MSOP packages. Each DAC can
operate rail-to-rail using an external reference, or with its
full-scale voltage set by an integrated reference. Eighteen
combinations of accuracy (12-, 10-, and 8-bit), power-on
reset value (zero-scale, mid-scale in internal reference
mode, or mid-scale in external reference mode), DAC
power-down output load (high impedance or 200kΩ),
and full-scale voltage (2.5V or 4.096V) are available. The
LTC2635 is controlled using a 2-wire I2C interface.
Power-On Reset
The LTC2635-HZ/-LZ clear the output to zero-scale when
power is first applied, making system initialization con-
sistent and repeatable.
For some applications, downstream circuits are active
during DAC power-up, and may be sensitive to nonzero
outputs from the DAC during this time. The LTC2635
contains circuitry to reduce the power-on glitch: the
analog output typically rises less than 5mV above zero-
scale during power on. In general, the glitch amplitude
decreases as the power supply ramp time is increased.
See “Power-On Reset Glitch” in the Typical Performance
Characteristics section.
The LTC2635-HMI/-LMI/-LMX provide an alternative
reset, setting the output to mid-scale when power is first
applied. The LTC2635-LMI and LTC2635-HMI power
up in internal reference mode, with the output set to a
mid-scale voltage of 1.25V and 2.048V, respectively. The
LTC2635-LMX power-up in external reference mode, with
the output set to mid-scale of the external reference. The
LTC2635-LMO powers up in internal reference mode with
all the DAC channels placed in the high-impedance state
(powered-down). Input and DAC registers are set to the
mid-scale code, and only the internal reference is powered
up, causing supply current to be typically 100µA upon
power up. Default reference mode selection is described
in the Reference Modes section.
Power Supply Sequencing
The voltage at REF (Pin 10 – QFN, Pin 7 – MSOP) must
be kept within the range –0.3V ≤ VREF ≤ VCC + 0.3V (see
Absolute Maximum Ratings). Particular care should be
taken to observe these limits during power supply turn-
on and turn-off sequences, when the voltage at VCC is in
transition.
Transfer Function
The digital-to-analog transfer function is
VOUT(IDEAL) =
k
2N
 VREF – VREFLO
(
)+ VREFLO
where k is the decimal equivalent of the binary DAC input
code,Nistheresolution,andVREFiseither2.5V(LTC2635-
LMI/-LMX/-LMO/-LZ)or4.096V(LTC2635-HMI/-HZ)when
in Internal Reference mode, and the voltage at REF when
in External Reference mode.
I2C Serial Interface
The LTC2635 communicates with a host using the stan-
dard 2-wire I2C interface. The timing diagrams (Figures
1 and 2) show the timing relationship of the signals on
the bus. The two bus lines, SDA and SCL, must be high
when the bus is not in use. External pull-up resistors or
current sources are required on these lines. The value of
these pull-up resistors is dependent on the power supply
and can be obtained from the I2C specifications. For an I2C
bus operating in the fast mode, an active pull-up will be
necessary if the bus capacitance is greater than 200pF.
The LTC2635 is a receive-only (slave) device. The master
can write to the LTC2635. The LTC2635 will not acknowl-
edge (NAK) a read request from the master.
START (S) and STOP (P) Conditions
When the bus is not in use, both SCL and SDA must be
high. A bus master signals the beginning of a communica-
tion to a slave device by transmitting a START condition.
A START condition is generated by transitioning SDA from
high to low while SCL is high.
When the master has finished communicating with the
slave, it issues a STOP condition. A STOP condition is
generated by transitioning SDA from low to high while
SCL is high. The bus is then free for communication with
another I2C device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com