Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1A21 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A21
Description  OPIC Photointerrupter with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A21 Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A21 Datasheet HTML 1Page - Sharp Corporation GP1A21 Datasheet HTML 2Page - Sharp Corporation GP1A21 Datasheet HTML 3Page - Sharp Corporation GP1A21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GP1A21
s Electro-optical Characteristics
( Unless otherwise specified, VCC= 5V, Ta= 25˚C )
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating supply voltage
VCC
4.5
-
5.5
V
Low level supply current
ICCL
Light beam uninterrupted
-
-
30
mA
Low level output voltage
VOL
Light beam uninterrupted, I OL= 16mA
-
-
0.35
V
High level supply current
I CCH
Light beam interrupted
-
-
30
mA
High level output voltage
VOH
Light beam interrupted, R L= 47k
Ω
V CC x 0.9
--
V
f
*4RL = 47k
Ω−
−
Hz
*5 Response frequency
*4 Output should not be DC level.
*5 Response frequency is measured with the disk shown below being rotated.( Unit: mm )
Disk
0.5
0.5
0
10
20
30
40
50
60
-20
100
75
50
25
0
0.05
0.02
0.01
0.1
0.2
0.5
1.0
50
20
5
2
100
10
1
Fig. 1 Low Level Output Current vs.
Ambient Temperature
Fig. 2 Low Level Output Voltage vs.
Low Level Output Current
V CC=5V
Low level output current I OL ( mA )
3 000
Ambient temperature Ta ( ˚C)
Ta= 25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com