Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1A21 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1A21
Description  OPIC Photointerrupter with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A21 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1A21 Datasheet HTML 1Page - Sharp Corporation GP1A21 Datasheet HTML 2Page - Sharp Corporation GP1A21 Datasheet HTML 3Page - Sharp Corporation GP1A21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP1A21
5mA
16mA
-25
0
25
50
75
100
Ambient temperature Ta ( ˚C)
0.4
0.3
0.2
0
0.1
0.5
0.6
+ 75˚C
+ 25˚C
30
4.5
5.0
5.5
0
10
20
d
Shield
Output ON
Output OFF
7
5
4
3
2
1
Shield distance d ( mm )
0
Shield distance h ( mm)
Shield
{
6
7
6
5
4
3
2
1
0
Mounting method
Fig. 3 Low Level Output Voltage vs.
Ambient Temperature
Fig. 4 Supply Current vs.Supply Voltage
Fig. 5 Detecting Position Characteristics (1)
Fig. 6 Detecting Position Characteristics (2)
V CC=5V
IOL= 30mA
Supply voltage VCC ( V)
ICCL
ICCH
Ta =- 20˚C
Ta=- 20˚C, + 25˚C, + 75˚C
V CC=5V
T a= 25˚C
R L=
47k
Ω
VCC=5V
T a= 25˚C
RL= 47kΩ
Output
Detecting position d= 3.4 ± 0.3 mm
Detecting posititon h= 4.2 ± 1.5mm
s Recommended Mounting Holes ( Following dimensions are recommended values, so confirm the
intencity by using actual equipment before mounting. )
1.0
+ 0.17
- 0.12
2.85
± 0.1
4.5
+ 0.2
- 0
Recommended mounting holes (Unit : mm )
10.2
+ 0.2
- 0
Output OFF
ON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com