Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SMPP Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 3 Page - Omron Electronics LLC

  2SMPP Datasheet HTML 1Page - Omron Electronics LLC 2SMPP Datasheet HTML 2Page - Omron Electronics LLC 2SMPP Datasheet HTML 3Page - Omron Electronics LLC 2SMPP Datasheet HTML 4Page - Omron Electronics LLC 2SMPP Datasheet HTML 5Page - Omron Electronics LLC 2SMPP Datasheet HTML 6Page - Omron Electronics LLC 2SMPP Datasheet HTML 7Page - Omron Electronics LLC 2SMPP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MEMS Gauge Pressure Sensor
2SMPP
37
Engineering Data (for reference)
■ Output Characteristics
Rated Pressure vs. Output Voltage
Note: 1. Ambient temperature condition: 25
°C
2. Drive current: 100
μA
3. These output voltage characteristics are measured with tester without a mounting board.
4. The output voltage characteristics may be influenced by the mounting board. Be sure to check operation including durability in actual
equipment before use.
Temperature influence of Span voltage
Temperature influence of Offset voltage
Note: 1. Measured points are 0
°C and 25°C, 50°C
2. Drive current: 100
μA
3. These output voltage characteristics are measured with tester without a mounting board.
4. The output voltage characteristics may be influenced by the mounting board. Be sure to check operation including durability in actual
equipment before use.
Rated Pressure [kPa]
−5
010
20
30
40
50
40
35
30
25
20
15
10
5
0
Temperature [°C]
−1.0
0.0
−0.5
−10
0
1020304050
60
0.5
1.0
1.5
2.0
Temperature [°C]
−2.0
−1.0
−1.5
0.0
−0.5
−10
0
1020304050
60
0.5
1.0
1.5
2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com