Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SMPP Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 4 Page - Omron Electronics LLC

  2SMPP Datasheet HTML 1Page - Omron Electronics LLC 2SMPP Datasheet HTML 2Page - Omron Electronics LLC 2SMPP Datasheet HTML 3Page - Omron Electronics LLC 2SMPP Datasheet HTML 4Page - Omron Electronics LLC 2SMPP Datasheet HTML 5Page - Omron Electronics LLC 2SMPP Datasheet HTML 6Page - Omron Electronics LLC 2SMPP Datasheet HTML 7Page - Omron Electronics LLC 2SMPP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
38
MEMS Gauge Pressure Sensor
2SMPP
Pressure cycle range (0 to 40 kPa)
Note: 1. Tested temperature condition: 25
°C
2. Number of pressure cycle time: 3 x 105
3. Rated cycle pressure: 0 to 40 kPa
4. These output voltage characteristics are measured with tester without a mounting board.
Example of application circuit for MEMS Pressure Sensor
1. The pressure sensor is designed to convert a voltage by means of constant current drive.
2. Please amplify the output voltage of the pressure sensor by using the amplifying circuit if necessary.
Pressure cycle
−1
0
−0.5
0
100000
200000
300000
0.5
1
Pressure cycle
−1
0
−0.5
0
100000
200000
300000
0.5
1
+
−
+
−
+
−
+
−
VDD
Vout
Pressure
Sensor
Amplifier circuit unit
Constant current circuit unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com