Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S21 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S21
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S21 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S21 Datasheet HTML 1Page - Sharp Corporation GP1S21 Datasheet HTML 2Page - Sharp Corporation GP1S21 Datasheet HTML 3Page - Sharp Corporation GP1S21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
23456789
10
1
0
2
3
4
5
6
7
8
9
10
1
0
11
01
10
9
8
7
6
5
4
3
2
11
10
9
8
7
6
5
4
3
2
1
0
25
50
75
100
0
-25
-25
0
100
75
50
25
0.1
0.2
0.3
0.4
0.5
0.6
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
0.1
0.5
0.01
0.2
1
2
5
10
20
50 100
1
0.5
0.3
2
5
10
20
50
100
200
500
10 %
Test Circuit for Response Time
Output
Input
90 %
Input
Output
40mA
30mA
20mA
10mA
5mA
P C ( MAX. )
IF = 50mA
Collector-emitter voltage V CE (V)
PC( MAX. )
IF = 50mA
Collector-emitter voltage VCE (V)
GP1S22
GP1S21
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
GP1S21
GP1S22
tf
tr
td
t s
RD
VCC
RL
td
ts
tr
tf
Ambient Temperature
GP1S21/GP1S22
40mA
30mA
20mA
10mA
1.5mA
(GP1S21)
VCE=5V
IF= 1.5mA (GP1S21)
IF = 3mA (
IF = 10mA (
I= 27
µ A(
I= 50
µ A(
V CE
IC= 100µ A
T a= 25˚C
Fig. 5-a Collector Current vs. Collector-emitter
Fig. 5-b Collector Current vs. Collector-emitter
Fig. 6 Collector Current vs.
Fig. 7 Collector-emitter Saturation
Voltage vs. Ambient Temperature
C
C
=5V
Voltage
Voltage
(GP1S22 )
GP1S22)
GP1S21)
GP1S22)
GP1S21)
IF= 5mA (GP1S22)
Fig. 8 Response Time vs. Load Resistance
Load resistance R L ( kΩ )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com