Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S21 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S21
Description  Subminiature Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S21 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S21 Datasheet HTML 1Page - Sharp Corporation GP1S21 Datasheet HTML 2Page - Sharp Corporation GP1S21 Datasheet HTML 3Page - Sharp Corporation GP1S21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2
5
2
5
2
5
2
5
25
50
75
100
0
3
2
1
0
0
50
100
0
+
L
Detector
( Detector center)
Shield
Shield distance L ( mm )
Shield
( Detector center )
Detector
L
+
0
100
50
0
-2
-1
0123
Shield distance L ( mm )
Shield
Detector
0
100
50
0
-2
-1
0123
+
IF = 1.5mA
V CE=5V
T a= 25˚C
V CE= 20V
Shield Distance (2)
IF
V CE=5V
T a = 25˚C
Ambient Temperature
GP1S21/GP1S22
(GP1S21)
Shield Distance (1)(GP1S22)
IF = 1.5mA (GP1S21)
GP1S22)
Fig. 9 Collector Dark Current vs.
Fig.11 Relative Collector Current vs.
-
-
Fig. 10-a Relative Collector Current vs.
Shield Distance ( 1 )
Shield distance L ( mm )
Ambient temperature T a (˚C)
Fig.10-b Relative Collector Current vs.
= 5mA
q
Please refer to the chapter “ Precautions for Use ” .
10 -10
10 -9
10 -8
10 -7
10 -6
-2
-1
IF
V CE =5V
T a = 25˚C
= 5mA (
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com