Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S52V Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S52V
Description  General Purpose Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S52V Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S52V Datasheet HTML 1Page - Sharp Corporation GP1S52V Datasheet HTML 2Page - Sharp Corporation GP1S52V Datasheet HTML 3Page - Sharp Corporation GP1S52V Datasheet HTML 4Page - Sharp Corporation GP1S52V Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
- 25
0
25
50
75
100
0
10
20
30
40
50
60
85
- 25
0
25
50
75
100
0
20
40
60
85
80
100
120
75
0
0.5
1
1.5
2
1
2
10
20
100
200
2.5
3
5
50
500
25˚C
0˚C
- 25˚C
50˚C
20
55
25
2
50
100
200
500
3.5
020
0
10
10
8
6
4
2
30
40
0
2
0
2
46
8
10
4
6
40mA
30mA
20mA
10mA
50
12
Duty ratio
1
3579
1
3
5
7
Fig. 1 Forward Current vs. Ambient
Temperature
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
Fig. 5 Collector Current vs.
Forward Current
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
T a= 75˚C
F ( V )
Forward current I F ( mA )
T a= 25˚C
IF= 50mA
Collector-emitter voltage V CE (V)
GP1S50/GP1S51V/GP1S52V/GP1S54
V CE=5V
T a= 25˚C
T a= 25˚C
Forward voltage V
10 -2
10 -1
Pulse width <=100
µ s
2000
1000
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com