Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S52V Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1S52V
Description  General Purpose Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S52V Datasheet(HTML) 4 Page - Sharp Corporation

  GP1S52V Datasheet HTML 1Page - Sharp Corporation GP1S52V Datasheet HTML 2Page - Sharp Corporation GP1S52V Datasheet HTML 3Page - Sharp Corporation GP1S52V Datasheet HTML 4Page - Sharp Corporation GP1S52V Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.01
10%
Test Circuit for Response Time
Output
Input
90%
Input
Output
0.02
0.05 0.1 0.2
0.5
1
2
5
10
0.1
0.2
0.5
1
2
5
10
20
100
0
255075
100
2
5
2
5
2
5
2
5
Fig.10 Frequency Response
Frequency f ( Hz )
2
0
55
25
25
2
10k
Ω
1k
Ω 100Ω
4.0
0
255075
100
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
100
75
50
25
0
0.05
0.1
0.15
0.2
0.25
Fig. 7 Collector Current vs.
Ambient Temperature
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
Fig. 9 Response Time vs.
Fig.11 Collector Dark Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
IF= 40mA
IC= 0.5mA
Ambient temperature T a (˚C)
t f
t r
t d
t s
L ( k Ω )
50
RD
VCC
RL
td
tr
ts
tf
V CE= 20V
Ambient temperature T a (˚C)
GP1S50/GP1S51V/GP1S52V/GP1S54
IF= 20mA
V CE=5V
V CE=2V
IC= 2mA
T a= 25˚C
V CE=2V
IC= 2mA
T a= 25˚C
103
104
105
106
RL=
-25
-25
-5
-10
-15
-20
10 -10
10 -9
10 -8
10 -7
10 -6
-25
Load Resistance
Load resistance R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com