Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S94 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP1S94
Description  Subminiature Wide- Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S94 Datasheet(HTML) 3 Page - Sharp Corporation

  GP1S94 Datasheet HTML 1Page - Sharp Corporation GP1S94 Datasheet HTML 2Page - Sharp Corporation GP1S94 Datasheet HTML 3Page - Sharp Corporation GP1S94 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig. 5 Collector Current vs. Collector-emitter
Voltage
Fig. 7 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Test Circuit for Response Time
Collector-emitter voltage VCE (V)
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
2
5
2
5
2
5
2
5
25
50
75
100
0
10%
90%
RD
VCC
RL
td
tr
ts
tf
VCE = 20V
10 -10
10 -9
10 -8
10 -7
10 -6
Load resistance R L (k
Ω)
Ambient temperature Ta (˚C)
Fig. 8 Dark Current vs. Ambient Temperature
Input
Output
Input
Output
GP1S94
Fig. 9 Response Time vs. Load Resistance
Fig. 6 Relative Collector Current vs.
Ambient Temperature
0.1
1
5
10
50
100
1
5
10
50
100
500
1000
tr
tf
td
ts
VCE =5V
IC =100
µ A
- 25
0
25
50
75 85
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
IF =10mA
IC =40
µ A
- 25
0
25
50
75 85
120
110
100
90
80
70
60
50
40
30
20
10
0
IF=5mA
VCE=5V
04
28
610
5mA
10mA
IF=50mA
20mA
30mA
40mA
0
0.4
0.6
0.8
1.0
0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com