Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP1S94 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1S94
Description  Subminiature Wide- Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S94 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1S94 Datasheet HTML 1Page - Sharp Corporation GP1S94 Datasheet HTML 2Page - Sharp Corporation GP1S94 Datasheet HTML 3Page - Sharp Corporation GP1S94 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Ta=25˚C)
IF
50
mA
V R
6V
P75
mW
V CEO
35
V
V ECO
6V
IC
20
mA
PC
75
mW
Ptot
T opr
100
mW
˚C
T stg
˚C
T sol
260
˚C
Absolute Maximum Ratings
1. Subminiature wide-gap type
4. With positioning boss
1. FDDs
2. Laser disc players
Input
Output
Parameter
Symbol
Rating
Unit
- 25 to + 85
- 40 to +100
Forward current
Reverse voltage
Power dissipation
Collector-emitter voltage
Emitter-collector voltage
Collector current
Collector power dissipation
Total power dissipation
Operating temperature
Storage temperature
Soldering temperature
*1
Soldering area
(Unit : mm)
* Tolerance : ± 0.2
* Burrs dimensions : 0.15 MAX.
*( ) : Reference dimensions
The dimensions indicated by g refer
to those measured from the lead base.
3. Slit : (0.3) mm
GP1S94
GP1S94
2. Emitter-detector gap width : 3.5 mm
3. VCRs
Features
Applications
Outline Dimensions
*1 For MAX. 5 seconds
Subminiature Wide-gap Type
Photointerrupter
Top View
4 Cathode
3 Emitter
2 Collector
1 Anode
Circuit diagram : Top View
(0.3) Slit width
3.4
0.4
g 2.54
(C0.4)
4 Z
S
a-a section
6.0
3.5
g 5.0
0.15
(C0.3)
Optical
center
(C0.2)
+ 0.2
- 0.1
φ 1.1+ 0
- 0.1
φ 0.9+ 0
- 0.1
4
1
2
3
4
1
2
3
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
ss


Similar Part No. - GP1S94

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S94J0000F SHARP-GP1S94J0000F Datasheet
142Kb / 10P
Gap : 3.5mm Slit : 0.3mm Phototransistor Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1S94

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
Subminiature Photointerrupter
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
Subminiature Photointerrupter
GP1S37 SHARP-GP1S37 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S39 SHARP-GP1S39 Datasheet
52Kb / 4P
Subminiature, Double-phase Output, Wide Gap Photointerrupter
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
logo
Unity Opto Technology
MIR-3301-P UOT-MIR-3301-P Datasheet
132Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com