Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2M
Description  Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2M Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2M Datasheet HTML 1Page - Omron Electronics LLC XF2M Datasheet HTML 2Page - Omron Electronics LLC XF2M Datasheet HTML 3Page - Omron Electronics LLC XF2M Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M
31
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M
High-reliability rotary-lock and Superior
Work Efficiency.
• Dual contact reduces the number of parts.
• Applicable FPC thickness of 0.3 mm.
• Halogen Free (See note)
Note: OMRON uses the following standard to determine halogen-
free construction: 900 ppm max. for Br, 900 ppm max. for Cl,
and 1,500 ppm max. for Br+Cl.
• RoHS Compliant.
Ordering Information
Note: 1. The end of the model number indicates the slider specification. None: Standard type
H: For pin count
≥ 55
2. Please order by integer multiple of the quantity per reel.
Ratings and Specifications
■ Characteristics
■ Materials and Finish
Pins
Model
Quantity per reel
(See Note 2)
10
XF2M-1015-1A
1,500
12
XF2M-1215-1A
14
XF2M-1415-1A
18
XF2M-1815-1A
20
XF2M-2015-1A
22
XF2M-2215-1A
24
XF2M-2415-1A
26
XF2M-2615-1A
30
XF2M-3015-1A
32
XF2M-3215-1A
33
XF2M-3315-1A
Pins
Model
Quantity per reel
(See Note 2)
34
XF2M-3415-1A
1,500
35
XF2M-3515-1A
36
XF2M-3615-1A
38
XF2M-3815-1A
40
XF2M-4015-1A
42
XF2M-4215-1A
45
XF2M-4515-1A
50
XF2M-5015-1A
55
XF2M-5515-1AH
60
XF2M-6015-1AH
Rated current
0.5A AC/DC
Rated voltage
50V AC/DC
Contact resistance
50 m
Ω max. (at 20 mV max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Withstand voltage
250 VAC for 1 min. (leakage current: 1 mA max.)
Insertion tolerance
20 times
Ambient operating temperature
-30 to +85
°C (with no icing or condensation)
Housing
LCP resin (UL94V-0)/natural
Slider
LCP resin (UL94V-0)/black
Contacts
Spring copper alloy/nickel substrate (2
μm), Gold-plated contacts (0.15 μm)
Hold-down
Spring copper alloy/fused-tin plating (1.5
μm)


Similar Part No. - XF2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2M OMRON-XF2M Datasheet
240Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M-0615-1A OMRON-XF2M-0615-1A Datasheet
157Kb / 1P
High-reliability rotary-lock and Superior Work Efficiency.
XF2M-0815-1A OMRON-XF2M-0815-1A Datasheet
157Kb / 1P
High-reliability rotary-lock and Superior Work Efficiency.
XF2M-1015-1A OMRON-XF2M-1015-1A Datasheet
240Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M-1015-1A OMRON-XF2M-1015-1A Datasheet
157Kb / 1P
High-reliability rotary-lock and Superior Work Efficiency.
More results

Similar Description - XF2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
0.5 mm-Pitch Rotary-Lock FPC Connector
XF2B OMRON-XF2B Datasheet
323Kb / 4P
Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2C OMRON-XF2C Datasheet
296Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF2K OMRON-XF2K Datasheet
241Kb / 4P
Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2M OMRON-XF2M Datasheet
240Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3B OMRON-XF3B Datasheet
321Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF3M OMRON-XF3M Datasheet
399Kb / 4P
Rotary Backlock Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com