Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D05 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2D05
Description  Distance Measuring Sensor of 1-bit Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D05 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2D05 Datasheet HTML 1Page - Sharp Corporation GP2D05 Datasheet HTML 2Page - Sharp Corporation GP2D05 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(Ta=25˚C,Vcc=5V)
Electro-optical Characteristics
GP2D05
Symbol
MIN.
TYP.
MAX.
Unit
Distance measuring range
10
-
80
cm
Output terminal voltage
V OH
VCC-0.3
-
-
V
V OL
-
-
0.3
V
--
ICC
-mA
-3
8
µ A
Ivin
Vin = 0V
-
µ A
Distance characteristics of output
Average dissipation current
Dissipation current at OFF-state
Iccoff
Vo
*1,*3
Output voltage at Low, *1
Output voltage at High, *1
*1,*2
*4
*5
cm
22
- 160
10
24
L : Distance to reflective object
Parameter
Conditions
Vin terminal current
- 270
*1 Reflective object : White paper (reflectivity : 90%)
*2 Adjustment shall be available with the VR built in the sensor so that the output switching distance may be L=24 cm.
*3 Distance measuring range on conditions after adjustment of the output switching distance to L=24
*4 Average dissipation current measured on the conditions shown below
*5 Dissipation current when Vin terminal is in High (current OFF) state.
*6 Vin terminal : Open drain drive input.
Conditions : Vin terminal current at Vin OFF-state >=2.6V
Vin terminal current at Vin ON-state <= 0.2V
Timing Chart
∆ L
MAX. 56ms
TYP. 28ms
Current [ON]
Current [OFF]
Control signal (Vin)
Output (Vo)
Output [H] or [L]
1ms or More
Distance measuring operation start
1ms or more
70ms
Current [OFF]
Current [ON]
Vin
s
s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com