Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2D05 Datasheet (PDF) - Sharp Corporation

GP2D05 Datasheet PDF - Sharp Corporation
Part # GP2D05
Download  GP2D05 Download
File Size   42.99 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Distance Measuring Sensor of 1-bit Output

GP2D05 Datasheet (PDF)

Go To PDF Page Download Datasheet
GP2D05 Datasheet PDF - Sharp Corporation

Part # GP2D05
Download  GP2D05 Click to download

File Size   42.99 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Distance Measuring Sensor of 1-bit Output

GP2D05 Datasheet (HTML) - Sharp Corporation


GP2D05 Product details

Features
1. Distance measuring type object sensor
    Distance measuring range : Optional distance can be set as threshold level by means of built-in VR
2. Impervious to color and reflectivity of reflective object
3. High precision distance measurement through output of continuous measurement average value
4. Low dissipation current at OFF-state (dissipation current at OFF-state : TYP. 3 µA)

Applications
1. Sanitary sensors (human body detection)
2. OA equipment (paper detection)
3. Game equipment
4. For consumer products (human body detection)




Similar Part No. - GP2D05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D02 SHARP-GP2D02 Datasheet
49Kb / 4P
Compact, High Sensitive Distance Measuring Sensor
logo
Inchange Semiconductor ...
GP2D020A120B ISC-GP2D020A120B Datasheet
493Kb / 3P
SiC Schottky Diode
GP2D020A120U ISC-GP2D020A120U Datasheet
504Kb / 3P
SiC Schottky Barrier Diode
logo
Sharp Corporation
GP2D03 SHARP-GP2D03 Datasheet
39Kb / 3P
Paper Size Sensor System
More results


Similar Description - GP2D05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
DISTANCE MEASURING SENSOR
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
LONG DISTANCE MEASURING SENSOR
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
General Purpose Distance Measuring Sensor
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
Distance Measuring Sensor Unit
GP2Y0A51SK0F SHARP-GP2Y0A51SK0F Datasheet
966Kb / 8P
Distance Measuring Sensor Unit
GP2Y0E03 SHARP-GP2Y0E03 Datasheet
743Kb / 11P
Distance Measuring Sensor Unit
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com