Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L24 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2L24
Description  Subminiature, High Sensitivity Photointerrupter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L24 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2L24 Datasheet HTML 1Page - Sharp Corporation GP2L24 Datasheet HTML 2Page - Sharp Corporation GP2L24 Datasheet HTML 3Page - Sharp Corporation GP2L24 Datasheet HTML 4Page - Sharp Corporation GP2L24 Datasheet HTML 5Page - Sharp Corporation GP2L24 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GP2L09/GP2L24/GP2L26
s Absolute Maximum Ratings
(Ta = 25˚C)
(Ta = 25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
P75
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
50
mA
75
mW
Total power dissipation
Ptot
100
mW
Operating temperature
opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 100
˚C
T sol
260
˚C
∗1Soldering temperature
∗3 The condition and arrangement of the reflective object are shown in the right drawing.
∗4 Without reflective object
The ranking of collector current shall be
Power dissipation
PC
mW
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
IF
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =6V
-
-
10
µ A
Output
Collector dark current
ICEO
-
-
1x 10 -6
A
Transfer-
charac-
teristics
∗3Collector current
IC
V CE = 2V, I F = 4mA
0.5
3.0
15.0
mA
Response time
Rise time
t r
-
80
400
Fall time
tf
-
70
400
∗4Leak current
I LEAK
IF = 4mA, VCE = 5V
-
-
5.0
V CE = 2V, I C = 10mA
RL
µ s
µ s
µ A
GP2L09, GP2L24
2.0mm
2.0mm
Soldering area
The hatched area more than 1mm∗2
away from the lower edge of
package as shown in the drawing
below.
classified into the following 6 ranks.
1mm-thick glass
∗2 GP2L09: 4mm
GP2L26
Soldering area
The hatched area more
than 2.0mm away from
the both edge of package
as shown in the drawing
below.
∗5 GP2L24 and GP2L26 don't
(GP2L09, GP2L24, GP2L26)
Rank
Collector current I C ( mA )
∗5A
0.5 to 1.9
B
1.45 to 5.4
C
4.0 to 15.0
A or B
0.5 to 5.4
B or C
1.45 to 15.0
A, B or C
0.5 to 15.0
∗1 Within 5 seconds (Soldering areas for each model are shown below. )
V CE
T
Collector power dissipation
= 10V, I F =0
= 100
Ω , d = 1mm
Test Condition for Collector Current
Al evaporation
have A rank.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com