Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L24 Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2L24
Description  Subminiature, High Sensitivity Photointerrupter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L24 Datasheet(HTML) 5 Page - Sharp Corporation

  GP2L24 Datasheet HTML 1Page - Sharp Corporation GP2L24 Datasheet HTML 2Page - Sharp Corporation GP2L24 Datasheet HTML 3Page - Sharp Corporation GP2L24 Datasheet HTML 4Page - Sharp Corporation GP2L24 Datasheet HTML 5Page - Sharp Corporation GP2L24 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GP2L09/GP2L24/GP2L26
02
4
40
60
20
0
6
d= 1mm
-1
1
3
5
10
Ω
Frequency f ( Hz )
0
-5
-10
-15
-20
2
5
2
5
2
5
600
700
800
900
1000
1200
80
100
40
60
20
0
1100
Correspond to Fig.10
Al evaporation
d
Correspond to Fig.11
OMS card
L= 0
d
+
White
Lmm
Test condition
d = 1mm
-
-
d = 1mm
Test condition
Lmm
White
+
d
L= 0
OMS card
Correspond to Fig.12
Black
Black
-20
-15
-10
-5
0
Frequency f ( kHz )
100
Ω
7
5
3
1
-1
d= 1mm
6
0
20
60
40
100
80
4
2
0
-2
GP2L24
2
100
Ω
5
10
Ω
IF= 4mA
V CE=2V
T a= 25˚C
Card moving distance L ( mm )
Card Moving Distance (1)
Card Moving Distance (2)
IF= 4mA
V CE=2V
T a= 25˚C
Card moving distance L ( mm )
(EX.: GP2L24)
IF
VCE = 2V
IF = 4mA
VCE = 2V
GP2L09)
R L=1kΩ
/
)
IF= 10mA
V CE=2V
T a= 25˚C
R L=1kΩ
Wavelength
λ ( nm )
Position Characteristics
10 2
10 3
10 4
10 5
V CE =2V
I C = 10mA
T a= 25˚C
T a= 25˚C
80
100
Fig.12 Relative Collector Current vs.
Fig.13 Frequency Response (
= 4mA
Test Condition for Distance & Detecting
Fig.14 Frequency Response (GP2L24 GP2L26
Fig.15 Spectral Sensitivity (Detecting Side)
Fig.11 Relative Collector Current vs.
102
103
104
105
106



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com