Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L22 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2L22
Description  Subminiature, High Sensitivity Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L22 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2L22 Datasheet HTML 1Page - Sharp Corporation GP2L22 Datasheet HTML 2Page - Sharp Corporation GP2L22 Datasheet HTML 3Page - Sharp Corporation GP2L22 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2L22
0
0.5
1
1.5
2
2.5
3
3.5
25˚C
0˚C
50˚C
24
6
8
10
0
0
10
20
12
4mA
2mA
7mA
10mA
-25
0
10 -11
25
100
50
75
5
10 -10
5
10 -9
5
10 -8
5
10 -7
5
10 -6
5
10 -5
5
10 -4
= 10V
5
0.1
1000
100
10
1000
100
10
1
1
025
-25
0
50
100
75
2.5
5.0
7.5
10.0
15.0
0
0
5
10
15
20
25
12.5
1
2
5
10
20
50
100
200
500
Fig. 3 Forward Current vs.
Forward Voltage
Fig. 4 Collector Current vs.
Forward Current
Fig. 6 Collector Current vs.
Ambient Temperature
Fig. 7 Collector Dark Current vs.
Ambient Temperature
Forward voltage V F
T a= 75˚C
Forward current I F ( mA )
IF= 15mA
T a= 25˚C
PC(MAX.)
Collector-emitter voltage V CE ( V)
Ambient temperature T a (˚C)
V CE
Ambient temperature T a (˚C)
V CE=5V
T a= 25˚C
L ( Ω )
I F = 4mA
VCE=5V
V CE=2V
IC= 10mA
T a= 25˚C
( V )
5
4
3
2
1
Fig. 5 Collector Current vs.
Collector-emitter Voltage
t f
t r
t d
ts
Fig. 8 Response Time vs.
- 25˚C
10000
Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com