Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2L22 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2L22
Description  Subminiature, High Sensitivity Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L22 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2L22 Datasheet HTML 1Page - Sharp Corporation GP2L22 Datasheet HTML 2Page - Sharp Corporation GP2L22 Datasheet HTML 3Page - Sharp Corporation GP2L22 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C)
s Applications
GP2L22
GP2L22
1.
φ 4mm compact resin mold type
∗1 For 3 seconds by manual soldering
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
mA
Collector power dissipation
P C
75
mW
Total power dissipation
Ptot
100
mW
Operating temperature
T opr
˚C
Storage temperature
T stg
˚C
∗1Soldering temperature
T sol
260
˚C
50
g 1.9
g 1.5
14
3
2
1 Anode
2 Cathode
3 Collector
4 Emitter
Internal connection
diagram
1
23
4
4 -
0.4
4 - (0.6)
∗( ) : Reference dimensions
∗Tolerance :± 0.2mm
2mm or more
Soldering Area
Subminiature, High Sensitivity
2. High sensitivity ( IC : MIN. 0.5mA at I F= 4mA )
3. Optimum detection distance: 0.6mm
4. Visible light cut-off type
Photointerrupter
1. Audio equipment, VCRs
∗The dimensions indicated by g refer
to those measured from the lead base.
- 25 to + 85
- 40 to + 100
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
φ 4.0


Similar Part No. - GP2L22

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L20L SHARP-GP2L20L Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L20R SHARP-GP2L20R Datasheet
48Kb / 4P
Compact, Thin Type Photointerrupter
GP2L23L SHARP-GP2L23L Datasheet
45Kb / 4P
Compact, Thin Type Photointerrupter
GP2L23R SHARP-GP2L23R Datasheet
45Kb / 4P
Compact, Thin Type Photointerrupter
GP2L24 SHARP-GP2L24 Datasheet
72Kb / 6P
Subminiature, High Sensitivity Photointerrupter
More results

Similar Description - GP2L22

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1L21 SHARP-GP1L21 Datasheet
59Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1L27 SHARP-GP1L27 Datasheet
53Kb / 4P
Subminiature, High Sensitivity Photointerrupter
GP1L50 SHARP-GP1L50 Datasheet
73Kb / 5P
High Sensitivity Photointerrupter
GP1L55 SHARP-GP1L55 Datasheet
51Kb / 4P
High Sensitivity Photointerrupter
GP2L09 SHARP-GP2L09 Datasheet
72Kb / 6P
Subminiature, High Sensitivity Photointerrupter
logo
Kingbright Corporation
ATIR0711S KINGBRIGHT-ATIR0711S Datasheet
173Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
ATIR0811S KINGBRIGHT-ATIR0811S Datasheet
200Kb / 5P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
KRA011 KINGBRIGHT-KRA011 Datasheet
915Kb / 4P
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com