Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S01 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S01
Description  Long Focal Distance Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S01 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S01 Datasheet HTML 1Page - Sharp Corporation GP2S01 Datasheet HTML 2Page - Sharp Corporation GP2S01 Datasheet HTML 3Page - Sharp Corporation GP2S01 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2S01/GP2S01F
10
20
30
40
50
0
0
0.2
0.4
0.6
0.8
1.2
1.0
025
-25
0
0.05
0.10
0.15
0.20
0.25
0.30
50
100
75
0.5
0.2
1
1
2
5
10
20
50
100
200
25
10
12
3
4
5
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
610
9
8
7
40mA
30mA
20mA
10mA
0
20
40
100
60
80
2
5
2
5
2
5
2
5
Input
Output
Output
Input
10%
90%
Fig. 6 Collector Current vs.
Collector-emitter Voltage
T a = 25˚C
IF= 50mA
Fig. 5 Collector Current vs. Forward Current
V CE=5V
T a = 25˚C
Fig. 8 Collector Dark Current vs.
Ambient Temperature
10 -6
10 -7
10 -8
10 -9
10 -10
V CE= 20V
Fig. 7 Collector Current vs. Ambient Temperature
IF= 20mA
VCE =5V
VCE =2V
I C= 200 µ A
T a = 25˚C
tf
tr
t d
t s
VCC
RD
RL
td
ts
tr
tf
Collector-emitter voltage V CE (V)
Forward current I F ( mA )
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Test Circuit for Response Time
Fig. 9 Response Time vs. Load Resistance
Load resistance R L ( kΩ )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com