Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S01 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2S01
Description  Long Focal Distance Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S01 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2S01 Datasheet HTML 1Page - Sharp Corporation GP2S01 Datasheet HTML 2Page - Sharp Corporation GP2S01 Datasheet HTML 3Page - Sharp Corporation GP2S01 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2S01/GP2S01F
Long Focal Distance
Type Photointerrupter
s Features
1. Long focal distance
s Applications
1. Copiers, printers
2. Automatic vending machines, ticket vend-
ing machines
3. Optoelectronic switches, optoelectronic
counters
(Unit : mm )
∗1 Pulse width<=100µ s, Duty ratio= 0.01
∗2 For 5 seconds
GP2S01/GP2S01F
2. Visible light cut-off type: GP2S01F
s Outline Dimensions
12.0
24.0
g
g Protrusion of resin for fixing
Internal connection
diagram
1
2
3
4
1 Cathode
2 Anode
3 Emitter
4 Collector
1
2
3
4
2 - (2.54)
2 - 19.5˚
4 - C2.0
Dimensions(d) Tolerance
d<=6.0
± 0.1
6.0 < d<=18.0
± 0.2
18.0 < d<=24.0
± 0.25
∗Unspecified tolerances shall be as follows;
∗( ) : Reference dimensions
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
∗1Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
PC
75
mW
Topr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
∗2Soldering temperature
Tsol
260
˚C
(Ta = 25˚C )
s Absolute Maximum Ratings
Operating temperature
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
19.0
± 0.2
2 -
φ 3.2± 0.2
4 -
0.45
± 0.2


Similar Part No. - GP2S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S04 SHARP-GP2S04 Datasheet
175Kb / 5P
SUBMINIATURE PHOTOINTERRUPTER
GP2S05 SHARP-GP2S05 Datasheet
145Kb / 4P
SUBMINIATURE PHOTO INTERRUPTER WITH LENS
GP2S06 SHARP-GP2S06 Datasheet
175Kb / 5P
SUBMINIATURE PHOTOINTERRUPTER
GP2S07 SHARP-GP2S07 Datasheet
175Kb / 5P
SUBMINIATURE PHOTOINTERRUPTER
More results

Similar Description - GP2S01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
High Sensitivity, Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S28 SHARP-GP2S28 Datasheet
47Kb / 4P
Long Focal Distance, Case Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
Long Focal Distance Type Photointerrupter with Connector
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
Long Focal Distance, Subminiature Photointerrupter
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com