Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S03 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2S03
Description  Long Focal Distance Type Photointerrupter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S03 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2S03 Datasheet HTML 1Page - Sharp Corporation GP2S03 Datasheet HTML 2Page - Sharp Corporation GP2S03 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s Electro-optical Characteristics
( Ta = 25˚C)
GP2S03
Parameter
Symbol
Conditions
Input
Forward voltage
VF
IF = 20mA
Peak forward voltage
V FM
IFM = 0.5A
Reverse current
IR
V R =3V
Output
Collector dark current
ICEO
VCE = 20V
Transfer-
charac-
teristics
*3Collector Current
Ic
IF = 20mA, VCE =5V
Response time
Rise time
t r
d = 5mm
Fall time
tf
I LEAK
IF = 20mA, VCE =5V
*4Leak current
MIN.
TYP.
MAX.
Unit
-
1.2
1.4
V
-3
4
V
--
10
µ A
-10 -9
10
- 7
A
0.16
-
-
mA
-30
90
µ s
-
40
120
--
10
µ A
∗4 Whithout reflective object.
- 25
0
25
50
75
85
100
0
10
20
30
40
50
60
- 25
0
25
50
75
85
100
0
10
20
30
50
70
80
75
40
60
50
20
52
5
2
5
Duty ratio
Pulse width <= 100
µ s
2
0
0.5
1.0
1.5
2.0
2.5
3.0
1
2
25˚C
0˚C
50˚C
Fig. 2 Collector Power Dissipation vs.
Ambient Temperature
Fig. 1 Forward Current vs.
Ambient Temperature
T a = 75˚C
T a = 25˚C
10 -3
10 -2
10 -1
Fig. 3 Peak Forward Current vs.
Duty Ratio
Fig. 4 Forward Current vs.
Forward Voltage
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
Forward voltage V F (V)
- 25˚C
IC = 200
µA, VCE= 2V, R L=1kΩ
∗3 Test method: A reflective object shall be an OMS test card (white) specified by Sharp, and be 5.0mm away from the sensor.
2000
1000
500
200
100
500
200
100
50
20
10
5
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com