Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S03 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2S03
Description  Long Focal Distance Type Photointerrupter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S03 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2S03 Datasheet HTML 1Page - Sharp Corporation GP2S03 Datasheet HTML 2Page - Sharp Corporation GP2S03 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GP2S03
10
20
30
40
50
0
0
0.1
0.2
0.3
0.4
0.5
0.6
12
3
4
5
0
0
0.1
0.2
0.3
0.4
0.5
6
10mA
20mA
30mA
0.5
1
2
5
10
20
50
1
2
5
10
20
50
100
GP2S03
d
Fig. 5 Collector Current vs. Forward Current
Forward current I F ( mA )
Collector-emitter voltage V CE ( V)
Distance between sensor and test card d ( mm )
VCE =2V
IF= 40mA
Ta= 25˚C
IF= 20mA
VCE =5V
Ta= 25˚C
OMS
test card
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Fig. 7 Relative Collector Current vs.
Distance between Sensor and Card
Ta= 25˚C
q
Please refer to the chapter “ Precautions for Use” .



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com