Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S27 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2S27
Description  Subminiature Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S27 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2S27 Datasheet HTML 1Page - Sharp Corporation GP2S27 Datasheet HTML 2Page - Sharp Corporation GP2S27 Datasheet HTML 3Page - Sharp Corporation GP2S27 Datasheet HTML 4Page - Sharp Corporation GP2S27 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Photointerrupter
Subminiature
1. Compact and thin
GP2S26 : Flat lead type
GP2S27 : Mini-flat package type
2. Optimum detection distance: 0.6 to 0.8mm
3. Visible light cut-off type
2. Floppy disk drives
3. Various microcomputerized control equip-
ment
s Outline Dimensions
(Unit : mm )
s Features
s Applications
GP2S09/GP2S24/GP2S26/GP2S27
1. Cassette tape recorders, VCRs
GP2S24
θ
1
2
3
4
1.75
C0.7
±15˚
GP2S09
GP2S26
GP2S27
4 - (0.6)
(4.0)
∗Tolerance:± 0.15mm
∗( ) : Reference dimensions
∗The dimensions indicated by g refer
to those measured from the lead base.
2
1
43
1
2
3
4
C0.7
± 20 ˚
0.4
1.75
C0.7
1.75
(0.4)
Internal connection diagram
( Common to 4 models )
1
2
34
∗Tolerance:± 0.15mm
∗( ) : Reference dimensions
1 Anode
2 Emitter
3 Collector
4 Cathode
∗Tolerance:± 0.15mm
∗( ): Reference dimensions
GP2S09
GP2S09/GP2S24/
GP2S26/GP2S27
: Compact DIP long lead type
: Compact DIP type
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
θ: 0 to 20˚
g 4.0 ± 0.2
4 - 0.5
+ 0.2
- 0.1
4.0
+ 0.2
- 0.1
3.0
+ 0.2
- 0.1
4 - 0.2
+ 0.3
- 0
θ
2
1
43
GP2S24
± 15 ˚
C0.7
1.75
(4.0)
∗Tolerance:± 0.15mm
∗( ): Reference dimensions
∗The dimensions indicated by g refer
to those measured from the lead base.
θ : 0 to 20˚
g 4.0± 0.2
4 - 0.4
+ 0.2
- 0.1
4.0
+ 0.2
- 0.1
4 - 0.15
+ 0.2
- 0.1
3.0
+ 0.2
- 0.1
0.4+
0.2
- 0.1
0.4
+ 0.2
- 0.1
3.0
+ 0.2
- 0.1
4.0
+ 0.2
- 0.1
3.0
+ 0.2
- 0.1
5.0MAX.
13.0± 1.0


Similar Part No. - GP2S27

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S27ABJ00F SHARP-GP2S27ABJ00F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27BCJ00F SHARP-GP2S27BCJ00F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27BJ000F SHARP-GP2S27BJ000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27CJ000F SHARP-GP2S27CJ000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
More results

Similar Description - GP2S27

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11B UOT-MIT-4A11B Datasheet
49Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
logo
Sharp Corporation
GP1S23 SHARP-GP1S23 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S24 SHARP-GP1S24 Datasheet
46Kb / 4P
Subminiature Photointerrupter
GP1S30 SHARP-GP1S30 Datasheet
48Kb / 4P
Subminiature Photointerrupter
GP1S37 SHARP-GP1S37 Datasheet
44Kb / 4P
Subminiature Photointerrupter
GP1S07 SHARP-GP1S07 Datasheet
110Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
GP1S20 SHARP-GP1S20 Datasheet
109Kb / 4P
SUBMINIATURE PHOTOINTERRUPTER
logo
Unity Opto Technology
MIR-3301-P UOT-MIR-3301-P Datasheet
132Kb / 3P
SUBMINIATURE PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com