Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S27 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2S27
Description  Subminiature Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S27 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2S27 Datasheet HTML 1Page - Sharp Corporation GP2S27 Datasheet HTML 2Page - Sharp Corporation GP2S27 Datasheet HTML 3Page - Sharp Corporation GP2S27 Datasheet HTML 4Page - Sharp Corporation GP2S27 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GP2S09/GP2S24/GP2S26/GP2S27
2
5
2
5
2
5
2
75
100
50
25
0
0.02 0.05
0.01
0.1
0.1 0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
20
50
100
0.1
1
10
100
1000
0.1
0.2
1
2
0.5
5
10
20
50
100
200
500
1000
Input
Output
Output
Input
01
2
4
5
80
100
40
60
20
0
30
2
4
80
100
40
60
20
0
6
13
5
7
Fig. 7 Collector Dark Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
5
10
RD
RL
VCC
td
tr
ts
tf
90%
10%
Card moving distance L ( mm )
Fig.11 Relative Collector Current vs.
Fig.10 Relative Collector Current vs.
Distance between Sensor and
Al Evaporation Glass
10 -10
10-9
10-8
10-7
10-6
(GP2S24/ GP2S26/GP2S27)
d = 1mm
VCE =2V
Test Circuit for Response Time
V CE = 20V
V CE =2V
IC = 100 µA
Ta = 25˚C
t r
t f
t d
ts
I F = 4mA
V CE =2V
Ta = 25˚C
Distance between sensor and Al evaporation glass d ( mm )
I F = 4mA
Ta = 25˚C
V CE =2V
IC = 100 µA
Ta = 25˚C
t r
t f
t d
ts
Card Moving Distance ( 1 )
(GP2S09)
Fig. 8 Response Time vs. Load Resistance
Load resistance R L ( kΩ )
Fig. 9 Response Time vs. Load Resistance
Load resistance R L ( kΩ )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com