Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0104YP Datasheet(PDF) 13 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 13 Page - Sharp Corporation

Back Button GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation GP2W0104YP Datasheet HTML 10Page - Sharp Corporation GP2W0104YP Datasheet HTML 11Page - Sharp Corporation GP2W0104YP Datasheet HTML 12Page - Sharp Corporation GP2W0104YP Datasheet HTML 13Page - Sharp Corporation GP2W0104YP Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
115 kbps Transceiver
GP2W0104YP
IrDA Data Sheet
13
Figure 18. Packing Specification
GP2W0104YP-18
PADS
(TOTAL 5 SHEETS)
PRODUCTS
IN TAPE-REEL
DESICCANT
LABEL
(MODEL NUMBER
QUANTITY
DATE)
PACKAGE METHOD EXAMPLES:
1. Seal the aluminum laminated bag, including the tape reel
with 2,000 pieces and desiccant.
2. Fill out the model name, quantity etc. in the blank area of label
and paste on the bag.
3. Put the four moisture-proof laminated bags in the ruled case.
Put the pad between the bags, and top and bottom.
4. Seal the case with packing tape, and indicate model name
and quantity. (8,000 pieces/package)
Total Packaged mass: Approximately 0.7 kg.
TAPE-REEL IN
ALUMINUM LAMINATED BAG
PACKING CASE
ALUMINUM
LAMINATED BAG
MODEL NUMBER
440 mm TYP.
PACKING
TAPE
EXAMPLE 1
EXAMPLE 3
EXAMPLE 4
EXAMPLE 2
370 mm TYP.
150 mm TYP.
QUANTITY
DATE
TAPE-REEL IN
ALUMINUM
LAMINATED BAG
(TOTAL 4 SETS)
NOTE: Dimensions are in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com