Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0104YP Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 2 Page - Sharp Corporation

  GP2W0104YP Datasheet HTML 1Page - Sharp Corporation GP2W0104YP Datasheet HTML 2Page - Sharp Corporation GP2W0104YP Datasheet HTML 3Page - Sharp Corporation GP2W0104YP Datasheet HTML 4Page - Sharp Corporation GP2W0104YP Datasheet HTML 5Page - Sharp Corporation GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
GP2W0104YP
115 kbps Transceiver
2
IrDA Data Sheet
Recommended Size of
Solder Cream Paste
Open the solder mask as shown in Figure 4. The
size of solder cream paste for this device before reflow
soldering must be as large as one of the foot pattern
land, indicated in Figure 5.
Figure 2. System Example
+
GP2W0104YP-2
UART
ENCODER
CIRCUIT
DECODER
CIRCUIT
GP2W0104YP
3
3
TXD
GND
4
2
1
5
RXD
SD
LEDA
CX
VDD
SD INPUT
PERFORMANCE
LOW
Normal Mode
HIGH
Shutdown
Mode
NOTES:
1 Transmitting data waveform
2 Encoder circuit output waveform
3 Transmitter output optical signal waveform
4 GP2W0104YP receiver output waveform
5 Receiving data waveform
Figure 3. Signal Waveform Example
NOTES:
1 Transmitting data waveform
2 Encoder circuit output waveform
3 Transmitter output optical signal waveform
4 GP2W0104YP receiver output waveform
5 Receiving data waveform
1
Data Rate
T =
Data rate: 2.4 kbps, 9.6 kbps, 19.2 kbps, 38.4 kbps,
57.6 kbps, 115.2 kbps
0
0
T
3T/16
10
1
T
3
1
2
4
5
10
1
GP2W0104YP-3
Figure 4. Solder Cream Size
1.425
1.55
0.475
2.375
3.325
NOTES:
1. Dimensions are in mm.
2. Dimensions are for reference.
3.
Soldering paste area
GP2W0104YP-5
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com