Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1577-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1577-R
Description  PNP Gneral Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1577-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1577-R Datasheet HTML 1Page - Micro Commercial Components 2SA1577-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP
Gneral Purpose
Transistors
Ideally Suited for Automatic Insertion
Untral Small Surface Mount Package
Pb-Free Package are Vailable
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-323
Suggested Solder
Pad Layout
Revision: A
2011/01/01
1.90
0.70
0.90
0.65
0.65
A
C
B
D
E
F
G
H
J
K
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
DIMENSIONS
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 2
Maximum Ratings @ Ta = 25
(unless otherwise noted)
Symbol
Parameter
Value
Unit
IC
Collector Current
-0.5
A
PD
Total Device Dissipation
0.2
W
TJ
Junction Temperature
150
TSTG
Storage Temperature Range
-55 to +150
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Unit
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1mAdc,IB=0)
-32
V
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-100uAdc,IE=0)
-40
V
V(BR)EBO
Collector-Base Breakdown Voltage
(IE=-100uAdc,IC=0)
-5.0
V
ICBO
Collector-Base Cutoff Current
(VCB=-20Vdc, IE=0)
-1
µAdc
IEBO
Emitter-Base Cutoff Current
(VEB=4.0Vdc, IC=0)
-1
uAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=-10mAdc, VCE=-3.0Vdc)
82
390
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-0.1Adc, IB=-0.01Adc)
-0.4
Vdc
fT
Transition Frequency
(VCE=-5Vdc,IC=-20mAdc,f=100MHZ)
200(typ)
MHZ
Cob
Collector Output Capacitance
(VCB=-10Vdc,IE=0,f=1MHZ)
7(typ)
PF
CLASSIFICATION OF
hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
HP
HQ
HR
2SA1577-P
2SA1577-Q
2SA1577-R
Features
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
mm


Similar Part No. - 2SA1577-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1577-R KEXIN-2SA1577-R Datasheet
1Mb / 2P
PNP Transistors
logo
Micro Commercial Compon...
2SA1577-R MCC-2SA1577-R Datasheet
299Kb / 2P
PNP Gneral Purpose Transistors
More results

Similar Description - 2SA1577-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
Micro Commercial Compon...
2SA1577-P MCC-2SA1577-P_13 Datasheet
299Kb / 2P
PNP Gneral Purpose Transistors
2SB1694 MCC-2SB1694 Datasheet
313Kb / 2P
PNP Gneral Purpose Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com