Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL353HT Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SL353HT
Description  Micropower Omnipolar Digital Hall-Effect Sensor ICs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SL353HT Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SL353HT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SL353HT Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Honeywell Sensing and Control
3
Table 1. SL353 Series Specifications
1
Characteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage (Vs)
Ta = -40 C to 85 C
2.2
2.8
5.5
V
Active mode current
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
2.5
2.5
4
9
mA
Sleep mode current
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
1.5
1.5
2.5
8
μA
Average current:
SL353HT
SL353HT
SL353LT
SL353LT
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
0.33
0.33
1.8
1.8
0.64
2.3
3
9
mA
mA
μA
μA
Active mode time
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
3
3
6
6
9
30
μs
Period:
SL353HT
SL353HT
SL353LT
SLS353LT
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
30
20
30
20
45
45
45
45
80
150
80
150
μs
μs
ms
ms
Duty cycle:
SL353HT
SL353HT
SL353LT
SL353LT
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
Vs = 2.8 V, Ta = 25 °C
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
10
5
0.01
0.005
13
13
0.013
0.013
16
25
0.016
0.025
%
Vout
1:
high
high
low
low
Vs = 2.8 V, Ta = 25 °C, load current = 100 µA
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C, load current = 100 µA
Vs = 2.8 V, Ta = 25 °C, load current = 100 µA
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C, load current = 100 µA
Vs - 0.15
Vs - 0.25
Vs - 0.11
Vs - 0.11
0.11
0.11
0.15
0.25
V
Operate point (positive)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
20
60
110
Gauss
Operate point (negative)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
-110
-60
-20
Gauss
Release point (positive)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
5
45
95
Gauss
Release point (negative)
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
-95
-45
-5
Gauss
Differential
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
3
15
60
Gauss
Operating temperature
Vs = 2.2 V to 5.5 V, Ta = -40 C to 85 C
-40 [-40]
85 [185]
°C [°F]
Storage temperature
-40 [-40]
150 [302]
°C [°F]
Note 1: These Hall-effect sensors may have an initial output in either the ON or OFF state if powered up with an applied magnetic
field in the differential zone (applied magnetic field > Brp and < Bop). Honeywell recommends that the application circuit designer
allow 10 µs after supply voltage has reached its rated value for the output voltage to stabilize.
Table 2. SL353 Series Absolute Maximum Ratings
1
Characteristic
Condition
Min.
Typ.
Max.
Unit
Supply voltage
-0.5
6
V
Operating temperature
ambient
-40 [-40]
150 [302]
C [°F]
Soldering temperature
applied for <10 s
265 [509]
C [°F]
Output (load) current
5
mA
Note 1: The magnetic field strength (Gauss) required to cause the sensor to change state (operate and release) will be as
specified in the magnetic characteristics. To test the sensor against the specified magnetic characteristics, the sensor must be
placed in a uniform magnetic field.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com